Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1078A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1078A
Description  SAW Filter 1680 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1078A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1078A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1078A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1680 MHz
MODEL NO.:TA1078A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (balanced) :
Zs = 200 Ω // 18nH
Terminating load impedance (single ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
1680
-
-
Bandwidth at –2 dB
MHz
60
78
-
-
Insertion Loss in 1650~1710 MHz
dB
-
3.1
5
-
Amplitude ripple (1650 MHz ~ 1710 MHz)
dB
-
1
2
-
I/O VSWR (1650 MHz ~ 1710 MHz)
-
1.8
2.5
-
Attenuation (reference level from 0 dB)
50 ~ 1580
MHz
dB
42
60
-
-
1800 ~ 3000
MHz
dB
42
49
-
-
3000 ~ 4000
MHz
dB
35
43
-
-
4000 ~ 6000
MHz
dB
18
30
-
-
RoHS Compliant
Lead free
Lead-free soldering


Numéro de pièce similaire - TA1078A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1078A GOLLEDGE-TA1078A Datasheet
83Kb / 6P
   SAW Filter 1680MHz
More results

Description similaire - TA1078A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0891A TAI-SAW-TA0891A Datasheet
347Kb / 9P
   SAW Filter 1680 MHz
TA1579A TAI-SAW-TA1579A Datasheet
191Kb / 8P
   SAW Filter 1680 MHz
TA1078B TAI-SAW-TA1078B Datasheet
366Kb / 8P
   SAW Filter 1680 MHz
TA1583A TAI-SAW-TA1583A Datasheet
141Kb / 8P
   SAW Filter 1680 MHz
TA0891B TAI-SAW-TA0891B Datasheet
386Kb / 9P
   SAW Filter 1680 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com