Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0550A Fiches technique(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA0550A
Description  SAW Filter 1601 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0550A Fiches technique(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0550A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0550A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1601 MHz
MODEL NO.:TA0550A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -55°C to +85°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -55°C to +85°C
B. ELECTRICAL CHARACTERISTICS: ( By 20℃
℃ )
Terminating source impedance (single ended) :
Zs = 50 Ω
Terminating load impedance (single ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
1601
-
-
Min. Insertion Loss
IL
dB
-
3.4
5
-
Amplitude Ripple (1593 ~ 1609 MHz)
dB
-
1.1
1.5
-
Group Delay Ripple (1593 ~ 1609 MHz)
ns
-
9
15
-
VSWR (1593 ~ 1609 MHz)
-
1.9
2.2
-
Relative Attenuation (relative to 0 dB)
D.C. ~ 1560
MHz
dB
35
50
-
-
1563 ~ 1580
MHz
dB
11
16.5
-
-
1622 ~ 1650
MHz
dB
11
20.5
-
-
1650 ~ 3000
MHz
dB
35
43.5
-
-
Deviation of Center and Bounder Frequencies in temperature range
from –55
0C to +85 0C by TCD = -35 ppm/grad.
RoHS Compliant
Lead free
Lead-free soldering


Numéro de pièce similaire - TA0550A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA0550A GOLLEDGE-TA0550A Datasheet
212Kb / 6P
   SAW Filter 1601.0MHz
More results

Description similaire - TA0550A

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
Varitronix internationa...
VIM-1601 VARITRONIX-VIM-1601 Datasheet
47Kb / 1P
   VIM-1601
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com