Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99S Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAV99S
Description  250mW High Speed Switching Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99S Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BAV99S_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99S_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99S_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV99S_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Small Signal Product
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1501006
Version: G15
BAV99S
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Numéro de pièce similaire - BAV99S_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV99S.115 NXP-BAV99S.115 Datasheet
372Kb / 14P
   High-speed switching diodes
Rev. 8-18 November 2010
logo
Galaxy Semi-Conductor H...
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
More results

Description similaire - BAV99S_15

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
   250mW High Speed Switching Array
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
   High-speed switching diode array
2001 May 14
BAV756S PHILIPS-BAV756S Datasheet
73Kb / 12P
   High-speed switching diode array
1997 Oct 21
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
   HIGH SPEED SWITCHING DIODE ARRAY
logo
Siemens Semiconductor G...
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
   250mW 75Volts Dual Switching Diode
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
   250mW SOD-323 Fast Switching Diode
logo
Micro Commercial Compon...
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
   250mW 75Volt s Dual Switching Diode
logo
Siemens Semiconductor G...
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com