Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV19WS Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAV19WS
Description  200mW High Voltage SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19WS Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV19WS_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19WS_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19WS_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV19WS_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1501004
Version: D15
BAV19WS/BAV20WS/BAV21WS
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VF, Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
VR, Instantaneous Reverse Voltage (V)
Fig. 2 Typical Reverse Characteristics
TA=75oC
TA=25oC
TA=0oC
TA=-40oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1020
3040
VR, Reverse Voltage (V)
Fig. 3 Typical Capacitance VS. Reverse Voltage
0
50
100
150
200
250
0
40
80
120
160
200
TA, ambient Temperature (oC)
Fig. 4 Power Derating Curve
TA=150oC
TA=150oC
TA=125oC
TA=75oC
TA=25oC
TA=0oC
TA=-40oC
f=1.0 MHz
TA=125oC


Numéro de pièce similaire - BAV19WS_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BAV19WS SECOS-BAV19WS_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diode
logo
SHENZHEN YONGERJIA INDU...
BAV19WS WINNERJOIN-BAV19WS_15 Datasheet
113Kb / 2P
   SOD-323
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS_15 Datasheet
182Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Description similaire - BAV19WS_15

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com