Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV20W Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAV20W
Description  410mW High Voltage SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV20W Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV20W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV20W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV20W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV20W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Product
Min
Max
Min
Max
A
1.50
1.70
0.059
0.067
B
3.30
3.90
0.130
0.154
C
0.50
0.70
0.020
0.028
D
2.50
2.70
0.098
0.106
E
0.80
1.15
0.031
0.045
F
0.05
0.20
0.002
0.008
C
G
X
X1
Y
Part no.
BAV19W
BAV20W
BAV21W
Document Number: DS_S1501003
Version: E15
H3
H2
H1
1.80
0.071
MARKING CODE
ORDER INFORMATION (EXAMPLE)
Marking
1.52
0.060
1.34
0.053
4.20
0.165
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
2.86
0.113
PACKAGE OUTLINE DIMENSIONS
SOD-123F
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
BAV19W/BAV20W/BAV21W
Taiwan Semiconductor
BAV19W RHG
Green compound code
Packing code
Part no.


Numéro de pièce similaire - BAV20W

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
BAV20W DGNJDZ-BAV20W Datasheet
590Kb / 1P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
BAV20W PANJIT-BAV20W Datasheet
54Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Juxing Electr...
BAV20W JUXING-BAV20W Datasheet
828Kb / 3P
   High Voltage Switching Diode
logo
Rectron Semiconductor
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
logo
RFE international
BAV20W RFE-BAV20W Datasheet
1Mb / 3P
   Small-Signal Switching Diodes
17-12-2021
More results

Description similaire - BAV20W

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAV19W TSC-BAV19W_10 Datasheet
213Kb / 3P
   410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_10 Datasheet
251Kb / 3P
   410mW High Voltage SMD Switching Diode
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
logo
Taiwan Semiconductor Co...
B0520LW TSC-B0520LW_10 Datasheet
162Kb / 3P
   410mW, Low VF SMD Schottky Barrier Diode
B0540W TSC-B0540W Datasheet
87Kb / 2P
   410mW, Low VF SMD Schottky Barrier Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
Won-Top Electronics
BZT52C2V4 WTE-BZT52C2V4 Datasheet
60Kb / 5P
   410mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com