Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54BR Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAT54BR
Description  200mW Surface Mount Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54BR Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54BR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54BR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54BR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54BR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54BR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
BAT54T
BAT54AD
BAT54CD
BAT54SD
BAT54BR
PART NO.
BAT54T
BAT54T
Document Number: DS_S1404008
BAT54T/AD/CD/SD/BR
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
MANUFACTURE
CODE
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MARKING
RF
(Note)
G
SOT-363
3K / 7" Reel
KLA
RF
G
SOT-363
3K / 7" Reel
KLB
KL6
RF
G
SOT-363
3K / 7" Reel
KL7
Note: Manufacture special control, if empty means no special control requirement.
RF
G
SOT-363
3K / 7" Reel
KL8
RF
G
SOT-363
3K / 7" Reel
G
Green compound
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BAT54T RF
RF
G
Green compound
BAT54T-D0 RF
D0
RF
Version: E14


Numéro de pièce similaire - BAT54BR

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAT54BR-G TSC-BAT54BR-G Datasheet
393Kb / 4P
   200mW Surface Mount Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT54BRW KEXIN-BAT54BRW Datasheet
551Kb / 1P
   Schottky Diodes
logo
Diodes Incorporated
BAT54BRW DIODES-BAT54BRW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
Jiangsu Changjiang Elec...
BAT54BRW JIANGSU-BAT54BRW Datasheet
843Kb / 5P
   SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54BRW DIODES-BAT54BRW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
More results

Description similaire - BAT54BR

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_08 Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT54T-G TSC-BAT54T-G Datasheet
393Kb / 4P
   200mW Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
BAS70 LUGUANG-BAS70 Datasheet
159Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
BAT54 LUGUANG-BAT54 Datasheet
187Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT54W TSC-BAT54W_14 Datasheet
130Kb / 5P
   200mW Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70WX MCC-BAS70WX_13 Datasheet
206Kb / 2P
   Surface Mount Schottky Barrier Diode 200mW
logo
Taiwan Semiconductor Co...
BAT43W TSC-BAT43W Datasheet
162Kb / 2P
   200mW Surface Mount Schottky Barrier Diode
logo
Shunye Enterprise
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
   200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com