Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT42R0G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAT42R0G
Description  Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42R0G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT42R0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42R0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42R0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42R0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25℃ unless otherwise noted)
Document Number: DS_S1412008
Version: C14
Taiwan Semiconductor
BAT42 / BAT43
RATINGS AND CHARACTERISTICS CURVES
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
TA - Ambient Temperature (oC)
Fig.1 Admissible Power Dissipation VS.
Ambient Temperature
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
VF - Instantaneous Forward Voltage (mV)
Fig. 2 Typical Reverse Characteristics
125 °C
-40 °C
25 °C
0.01
0.1
1
10
100
1000
0
1020
304050
VR - Reverse Voltage (V)
Fig. 3 Typical Reverse Characteristics
125 °C
100 °C
75 °C
50 °C
25 °C
0
2
4
6
8
10
12
14
16
18
0
102030
405060
VR - Reverse Voltage (V)
Fig. 4 TypicalCapacitance VS. Reverse Applied Voltage


Numéro de pièce similaire - BAT42R0G

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
   SILICON PLANAR SCHOTTKY DIODES
logo
Pan Jit International I...
BAT42 PANJIT-BAT42 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
EIC discrete Semiconduc...
BAT42 EIC-BAT42 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Description similaire - BAT42R0G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAT42 TSC-BAT42 Datasheet
63Kb / 2P
   200 mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
BAS85 TSC-BAS85_14 Datasheet
192Kb / 3P
   Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
BAS85 TSC-BAS85 Datasheet
51Kb / 1P
   200mW Hermetically Sealed Glass Fast Switching Schottky Barrier Diodes
logo
Tak Cheong Electronics ...
TCBAT42 TAK_CHEONG-TCBAT42 Datasheet
68Kb / 2P
   200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
75Kb / 2P
   200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCBAT85 TAK_CHEONG-TCBAT85 Datasheet
67Kb / 2P
   200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com