Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD101CWS-HG3-18 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SD101CWS-HG3-18
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101CWS-HG3-18 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SD101CWS-HG3-18 Datasheet HTML 1Page - Vishay Siliconix SD101CWS-HG3-18 Datasheet HTML 2Page - Vishay Siliconix SD101CWS-HG3-18 Datasheet HTML 3Page - Vishay Siliconix SD101CWS-HG3-18 Datasheet HTML 4Page - Vishay Siliconix SD101CWS-HG3-18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SD103AWS-G, SD103BWS-G, SD103CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 21-Nov-13
3
Document Number: 81142
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Blocking Voltage Deration vs. Temperature at Various Average Forward Currents
PACKAGE DIMENSIONS in millimeters (inches): SOD-323
Tamb - Ambient Temperature (°C)
18492
100
200
0
30
10
40
20
0
50
= 400 mA
I F
100 mA
200 mA
Foot print recommendation:
Rev. 5 - Date: 23.Sept.2009
17443
Document no.:S8-V-3910.02-001 (4)
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
Cathode bar
2.50 (0.098)
2.85 (0.112)
1.60 (0.063)
1.95 (0.077)
Created - Date: 24.August.2004
0.40 (0.016)
0.25 (0.010)


Numéro de pièce similaire - SD101CWS-HG3-18

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD101CWS-7 DIODES-SD101CWS-7 Datasheet
83Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD101CWS-7-F DIODES-SD101CWS-7-F Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
SD101CWS-7-F DIODES-SD101CWS-7-F Datasheet
81Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 11 - 2
SD101CWS-7-F DIODES-SD101CWS-7-F Datasheet
83Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SD101CWS-G VISHAY-SD101CWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
More results

Description similaire - SD101CWS-HG3-18

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com