Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD101AW Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SD101AW
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101AW Fiches technique(HTML) 1 Page - Vishay Siliconix

  SD101AW_15 Datasheet HTML 1Page - Vishay Siliconix SD101AW_15 Datasheet HTML 2Page - Vishay Siliconix SD101AW_15 Datasheet HTML 3Page - Vishay Siliconix SD101AW_15 Datasheet HTML 4Page - Vishay Siliconix SD101AW_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD101AW, SD101BW, SD101CW
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 25-Feb-13
1
Document Number: 85679
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-123
Weight: approx. 10.3 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATRUES
• For general purpose applications
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing and coupling diodes for fast
switching and low logic level applications
• The SD101 series is a metal-on-silicon Schottky
barrier device which is protected by a PN junction
guardring
• AEC-Q101 qualified
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL
CONSTRUCTION
TYPE MARKING
REMARKS
SD101AW
SD101AW-E3-08 or SD101AW-E3-18
Single diode
SA
Tape and reel
SD101AW-HE3-08 or SD101AW-HE3-18
SD101BW
SD101BW-E3-08 or SD101BW-E3-18
Single diode
SB
SD101BW-HE3-08 or SD101BW-HE3-18
SD101CW
SD101CW-E3-08 or SD101CW-E3-18
Single diode
SC
SD101CW-HE3-08 or SD101CW-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD101AW
VRRM
60
V
SD101BW
VRRM
50
V
SD101CW
VRRM
40
V
Power dissipation (infinite heatsink) (1)
Ptot
400
mW
Forward continuous current
IF
30
mA
Maximum single cycle surge
10 μs square wave
IFSM
2A
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
300
K/W
Junction temperature (1)
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating ttemperature range
Top
- 55 to + 125
°C


Numéro de pièce similaire - SD101AW_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SD101AW DIODES-SD101AW_15 Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
More results

Description similaire - SD101AW_15

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com