Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB3H100 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SB3H100
Description  High Voltage Schottky Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB3H100 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SB3H100 Datasheet HTML 1Page - Vishay Siliconix SB3H100 Datasheet HTML 2Page - Vishay Siliconix SB3H100 Datasheet HTML 3Page - Vishay Siliconix SB3H100 Datasheet HTML 4Page - Vishay Siliconix SB3H100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SB3H90, SB3H100
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
3
Document Number: 88720
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
100
Pulse Width = 300 μs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
T
J = 175 °C
20
40
60
80
100
0.01
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
100
1000
0.1
10
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
1
10
0.1
10
1
100
100
0
t - Pulse Duration (s)
DO-201AD
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)


Numéro de pièce similaire - SB3H100

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB3H100 VISHAY-SB3H100 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB3H100 VISHAY-SB3H100 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB3H100 VISHAY-SB3H100 Datasheet
77Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 19-Aug-11
logo
Shenzhen Taychipst Elec...
SB3H100 TAYCHIPST-SB3H100 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB3H100 VISHAY-SB3H100 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

Description similaire - SB3H100

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90_V01 Datasheet
77Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90-E3 VISHAY-SB1H90-E3 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIER
logo
Sangdest Microelectroni...
SHV30300G SMC-SHV30300G Datasheet
80Kb / 5P
   PLASTIC HIGH-VOLTAGE RECTIFIER
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com