Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21-D0RFG Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce BAS21-D0RFG
Description  225mW SMD Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS21-D0RFG Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BAS21-D0RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS21-D0RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS21-D0RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS21-D0RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAS21-D0RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Small Signal Product
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_S1412039
Version: D14
BAS21 / A / C / S
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Numéro de pièce similaire - BAS21-D0RFG

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAS21-03W INFINEON-BAS21-03W Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
BAS21-03W INFINEON-BAS21-03W Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAS21-03W INFINEON-BAS21-03W Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
logo
Diodes Incorporated
BAS21-13-F DIODES-BAS21-13-F Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Description similaire - BAS21-D0RFG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
   225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
   225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
Taiwan Semiconductor Co...
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
   225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
   225mW, SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
   225mW SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com