Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT1784 Fiches technique(PDF) 12 Page - Linear Technology

No de pièce LT1784
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1784 Fiches technique(HTML) 12 Page - Linear Technology

Back Button LT1784_15 Datasheet HTML 4Page - Linear Technology LT1784_15 Datasheet HTML 5Page - Linear Technology LT1784_15 Datasheet HTML 6Page - Linear Technology LT1784_15 Datasheet HTML 7Page - Linear Technology LT1784_15 Datasheet HTML 8Page - Linear Technology LT1784_15 Datasheet HTML 9Page - Linear Technology LT1784_15 Datasheet HTML 10Page - Linear Technology LT1784_15 Datasheet HTML 11Page - Linear Technology LT1784_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT1784
12
1784fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2000
LT 0609 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LT1782
Micropower Over-The-Top Rail-to-Rail In/Out Op Amp in SOT-23
55μA Max Supply Current, 800μV Max Offset Voltage
LT1783
1.25MHz Over-The-Top Rail-to-Rail In/Out Op Amp in SOT-23
300μA Max Supply Current, 800μV Max Offset Voltage
LT1797
10MHz Rail-to-Rail In/Out Op Amp in SOT-23
Unity-Gain Stable, 2.25μV/μs Slew Rate
LT1637
1.1MHz Over-The-Top Rail-to-Rail In/Out Op Amp
Micropower, 0.4V/μs Slew Rate
LT1638/LT1639
Dual/Quad 1.2MHz Over-The-Top Rail-to-Rail In/Out Op Amp
Micropower 230μA Max, 0.4V/μs Slew Rate
LT1880
SOT-23 Pico Amp Input, Precision, Rail-to-Rail Output Op Amp
150μV Offset, 900pA Bias Current
Protected Fault Conditions
Simple Polarity Selector
Simple Peak Detector
Simple Supply Full Wave Rectifier
+
LT1784
+
LT1784
+
+
LT1784
+
LT1784
+
REVERSE BATTERY
INPUT DIFFERENTIAL VOLTAGE
INPUTS BELOW GROUND
INPUT OVERVOLTAGE
–18V
5V
5V
5V
24V
10V
18V
V+
V+
1784 TA03
ACCURACY
98%
90%
3dB
BANDWIDTH
3kHz TO 5.7kHz
116Hz TO 47kHz
34Hz TO 96kHz
+
1784 TA04
LT1784
BAT54
VOUT
VIN
1μF
100k
5V
VIN = 3VP-P, VCM = 2.5V
+
LT1784
IN
1k
1k
1k
5V
BAT54
OUT
WORKS WELL
TO 15kHz
1785 TA05
+
LT1784
IN
1k
1k
V+
V
OUT
1785 TA06a
SHDN
INVERT
FOLLOW
0V
V
IN
1V/DIV
OUT
1V/DIV
SHDN
5V/DIV
100μs/DIV
VS = ±5V
VIN = 3VP-P AT 5kHz
1785 TA06b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn