Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT1784 Fiches technique(PDF) 10 Page - Linear Technology

No de pièce LT1784
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1784 Fiches technique(HTML) 10 Page - Linear Technology

Back Button LT1784_15 Datasheet HTML 4Page - Linear Technology LT1784_15 Datasheet HTML 5Page - Linear Technology LT1784_15 Datasheet HTML 6Page - Linear Technology LT1784_15 Datasheet HTML 7Page - Linear Technology LT1784_15 Datasheet HTML 8Page - Linear Technology LT1784_15 Datasheet HTML 9Page - Linear Technology LT1784_15 Datasheet HTML 10Page - Linear Technology LT1784_15 Datasheet HTML 11Page - Linear Technology LT1784_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1784
10
1784fa
APPLICATIONS INFORMATION
Shutdown
The 6-lead part includes a shutdown feature that disables
the part, reducing quiescent current and making the output
high impedance. The part can be shut down by bringing
the SHDN pin 1.2V or more above V. When shut down,
the supply current is less than 1μA (V≤ VOUT ≤ V+). In
normal operation, the SHDN pin can be tied to Vor left
floating. See Typical Performance Characteristics curve,
“Supply Current vs SHDN pin Voltage.”
TYPICAL APPLICATIONS
Negative Rectifier
Adjustable Clamp
+
LT1784
VIN
OUT
V
V
V
V+
+
LT1784
LT1784
VIN
VCLAMP
VCLAMP - ~80mV
VOUT
1784 TA02
10k
10k
WORKS WELL
TO 100kHz
WORKS WELL
TO 100kHz
- ~80mV
SIMPLIFIED SCHEMATIC
Q10
D5
Q9
Q1
Q7
R2
1k
R6
1.5k
R7
1.5k
R3
1k
R4
2k
R8
0.75k
R9
0.75k
Q8
Q5
–IN
+IN
Q11
Q12
D4
Q2
D1
Q6
Q13
Q14
R1
6k
R5
2k
Q4
Q15
Q19
D3
Q3
Q16
Q18
Q22
V+
Q17
Q20
Q21
OUT
V
1784 SS
SHDN
20μA
+
Q23
Q24
Q25
Q26
J1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn