Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148WS-GRVG Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce 1N4148WS-GRVG
Description  Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148WS-GRVG Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4148WS-GRVG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148WS-GRVG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148WS-GRVG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148WS-GRVG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4148WS-GRVG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25°C unless otherwise noted)
Version: B14
Small Signal Product
1N4148WS-G
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
1
10
100
1000
0
20
406080
Reverse Voltage (V)
Fig. 1 Typical Reverse Characteristics
Ta=100°C
Ta=25°C
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Ambient Temperature (°C)
Fig. 3 Power Derating Curve
0.8
1
1.2
0
5
10
15
20
Reverse Voltage (V)
Fig. 4 Typical Capacitance Characteristics
T =
25 ℃
f = 1 MHz
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Forward Voltage (mV)
Fig.2 Typical Forward Characteristics
Ta=100°C
Ta=25°C


Numéro de pièce similaire - 1N4148WS-GRVG

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4148WS-G VISHAY-1N4148WS-G Datasheet
95Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 14-Oct-16
1N4148WS-G VISHAY-1N4148WS-G Datasheet
98Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
1N4148WS-G VISHAY-1N4148WS-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
1N4148WS-G VISHAY-1N4148WS-G Datasheet
100Kb / 5P
   Small Signal Fast Switching Diode
01-Jan-2022
1N4148WS-G3-08 VISHAY-1N4148WS-G3-08 Datasheet
98Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 31-Jan-18
More results

Description similaire - 1N4148WS-GRVG

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com