Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBC204LH Fiches technique(PDF) 1 Page - Zowie Technology Corporation

No de pièce SMBC204LH
Description  Low VF Schottky Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMBC204LH Fiches technique(HTML) 1 Page - Zowie Technology Corporation

  SMBC204LH Datasheet HTML 1Page - Zowie Technology Corporation SMBC204LH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(40V / 2A)
SMBC204LH
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
A
IFSM
A
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Repetitive peak reverse voltage
Low VF Schottky Bridge Rectifier
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Suitable for battery - powered circuits
* Communication Equipment
APPLICATION
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser marking symbols
Weight : 0.07 gram
MECHANICAL DATA
Electrical characteristics (Ta = 25
o
C)
VF
IF = 1.0A
IF = 2.0A
ITEM
Symbol
Conditions
Min.
Typ.
V
-
-
0.34
0.40
-
0.42
Max.
Unit
Forward voltage
-
110
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
15
-
Rth(JL)
Junction to lead (NOTE)
pF
-
-
250
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.30
1.0
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
2015/05
REV. 1
NOTES :
Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
Tj,TSTG
40
50
Rating
2.0
-55 to +125
Operating storage temperature Range
oC
MARKING
SMBC
204L
YWW
.
2 = Amps class (2.0A)
04 = Voltage class (40V)
SMBC = Series code
Y = Last digit of the year
= Halogen-free type
WW = Mfg week
L = Low VF
Unit : mm
Case : MBC
OUTLINE DIMENSIONS
2.54 ± 0.05
4.75 ± 0.1
1.40 ± 0.05
2.54 ± 0.13
1.07 ± 0.15
Mounting Pad Layout
~
~
~
~
4
1
3
2


Numéro de pièce similaire - SMBC204LH

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
SMBC204H ZOWIE-SMBC204H Datasheet
49Kb / 2P
   Schottky Bridge Rectifier Preliminary
More results

Description similaire - SMBC204LH

FabricantNo de pièceFiches techniqueDescription
logo
FutureWafer Tech Co.,Lt...
MBS240SU FUTUREWAFER-MBS240SU Datasheet
868Kb / 5P
   Low VF Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
SMBC104LH ZOWIE-SMBC104LH Datasheet
59Kb / 2P
   Low VF Schottky Bridge Rectifier
SMBCM104LH ZOWIE-SMBCM104LH Datasheet
63Kb / 2P
   Low VF Schottky Bridge Rectifier Preliminary
logo
Formosa MS
MDS12L FORMOSA-MDS12L Datasheet
57Kb / 7P
   SMD Low VF Schottky Bridge Rectifier
logo
First Silicon Co., Ltd
MBL22S FS-MBL22S Datasheet
261Kb / 2P
   Surface Mount Low VF Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
GBL04LS ZOWIE-GBL04LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
GBU1002LC ZOWIE-GBU1002LC Datasheet
68Kb / 2P
   Low VF Bridge Rectifier
GBL10LS ZOWIE-GBL10LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
MBCR10JLH ZOWIE-MBCR10JLH Datasheet
199Kb / 2P
   Low VF Bridge Rectifier
GBL02LS ZOWIE-GBL02LS Datasheet
83Kb / 2P
   Low VF Bridge Rectifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com