Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ14CA Fiches technique(PDF) 2 Page - Zowie Technology Corporation

No de pièce SMAJ14CA
Description  GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZOWIE [Zowie Technology Corporation]
Site Internet  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMAJ14CA Fiches technique(HTML) 2 Page - Zowie Technology Corporation

  SMAJ14CA Datasheet HTML 1Page - Zowie Technology Corporation SMAJ14CA Datasheet HTML 2Page - Zowie Technology Corporation SMAJ14CA Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zowie Technology Corporation
SMAJ SERIES
Zowie Technology Corporation
2011/05
SMAJ5.0A
SMAJ6.0A
SMAJ6.5A
SMAJ7.0A
SMAJ7.5A
SMAJ8.0A
SMAJ8.5A
SMAJ9.0A
SMAJ10A
SMAJ11A
SMAJ12A
SMAJ13A
SMAJ14A
SMAJ15A
SMAJ16A
SMAJ17A
SMAJ18A
SMAJ19A
SMAJ20A
SMAJ22A
SMAJ24A
SMAJ26A
SMAJ28A
SMAJ30A
SMAJ33A
SMAJ36A
SMAJ40A
SMAJ43A
SMAJ45A
SMAJ48A
SMAJ51A
SMAJ54A
SMAJ58A
SMAJ60A
SMAJ64A
SMAJ70A
SMAJ75A
SMAJ78A
SMAJ80A
SMAJ85A
SMAJ90A
SMAJ100A
SMAJ110A
SMAJ120A
SMAJ130A
SMAJ140A
SMAJ150A
SMAJ160A
SMAJ170A
SMAJ180A
SMAJ190A
SMAJ200A
SMAJ220A
SMAJ250A
SMAJ300A
SMAJ350A
SMAJ400A
SMAJ440A
SMAJ5.0CA
SMAJ6.0CA
SMAJ6.5CA
SMAJ7.0CA
SMAJ7.5CA
SMAJ8.0CA
SMAJ8.5CA
SMAJ9.0CA
SMAJ10CA
SMAJ11CA
SMAJ12CA
SMAJ13CA
SMAJ14CA
SMAJ15CA
SMAJ16CA
SMAJ17CA
SMAJ18CA
SMAJ19CA
SMAJ20CA
SMAJ22CA
SMAJ24CA
SMAJ26CA
SMAJ28CA
SMAJ30CA
SMAJ33CA
SMAJ36CA
SMAJ40CA
SMAJ43CA
SMAJ45CA
SMAJ48CA
SMAJ51CA
SMAJ54CA
SMAJ58CA
SMAJ60CA
SMAJ64CA
SMAJ70CA
SMAJ75CA
SMAJ78CA
SMAJ80CA
SMAJ85CA
SMAJ90CA
SMAJ100CA
SMAJ110CA
SMAJ120CA
SMAJ130CA
SMAJ140CA
SMAJ150CA
SMAJ160CA
SMAJ170CA
SMAJ180CA
SMAJ190CA
SMAJ200CA
SMAJ220CA
SMAJ250CA
SMAJ300CA
SMAJ350CA
SMAJ400CA
SMAJ440CA
AE
AG
AK
AM
AP
AR
AT
AV
AX
AZ
BE
BG
BK
BM
BP
BR
BT
BB
BV
BX
BZ
CE
CG
CK
CM
CP
CR
CT
CV
CX
CZ
RE
RG
RK
RM
RP
RR
RT
RB
RV
RX
RZ
SE
SG
SK
SB
SM
SP
SR
ST
SV
SW
SX
SZ
DE
DG
DK
DM
WE
WG
WK
WM
WP
WR
WT
WV
WX
WZ
XE
XG
XK
XM
XP
XR
XT
XB
XV
XX
XZ
YE
YG
YK
YM
YP
YR
YT
YV
YX
YZ
ZE
ZG
ZK
ZM
ZP
ZR
ZT
ZB
ZV
ZX
ZZ
VE
VG
VK
VB
VM
VP
VR
VT
VV
VW
VX
VZ
HE
HG
HK
HM
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10
11
12
13
14
15
16
17
18
19
20
22
24
26
28
30
33
36
40
43
45
48
51
54
58
60
64
70
75
78
80
85
90
100
110
120
130
140
150
160
170
180
190
200
220
250
300
350
400
440
UNI- POLAR
BI-POLAR
UNI
BI
Device
Marking
Code
SMAJ
PART NUMBER
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
30.8
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103
113
121
126
130
137
146
162
177
193
209
227
243
259
275
292
308
324
356
405
486
567
648
713
43.48
38.83
35.71
33.33
31.01
29.41
27.78
25.97
23.53
21.98
20.10
18.60
17.24
16.39
15.38
14.49
13.70
13.00
12.35
11.27
10.28
9.50
8.81
8.26
7.50
6.88
6.20
5.76
5.50
5.17
4.85
4.59
4.27
4.13
3.88
3.54
3.31
3.17
3.09
2.92
2.74
2.47
2.26
2.07
1.91
1.76
1.65
1.54
1.45
1.37
1.30
1.23
1.12
0.99
0.82
0.71
0.62
0.56
800
800
500
200
100
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Breakdown Voltage VBR @IT
6.4
6.7
7.2
7.8
8.3
8.9
9.4
10.0
11.1
12.2
13.3
14.4
15.6
16.7
17.8
18.9
20.0
21.1
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40.0
44.4
47.8
50.0
53.3
56.7
60.0
64.4
66.7
71.1
77.8
83.3
86.7
88.8
94.4
100
111
122
133
144
155
167
178
189
200
211
224
246
279
335
391
447
492
7.00
7.37
7.98
8.60
9.21
9.83
10.4
11.1
12.3
13.5
14.7
15.9
17.2
18.5
19.7
20.9
22.1
23.3
24.5
26.9
29.5
31.9
34.4
36.8
40.6
44.2
49.1
52.8
55.3
58.9
62.7
66.3
71.2
73.7
78.6
86.0
92.1
95.8
97.6
104
111
123
135
147
159
171
185
197
209
220
232
247
272
309
371
432
494
543
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Maximum Reverse
Leakage IR (μA)
@VRWM
Maximum Clamping
Voltage VC (V)
@ IPP
Maximum Reverse
Surge Current
IPP (A)
@10 x 1000μs
sinewave
Working Peak
Reverse Voltage
VRWM
(V)
Min. (V)
Max. (V)
IT (mA)
NOTE : 1. Suffix " A " denotes 5% tolerance device.
2. Add suffix " CA " after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Numéro de pièce similaire - SMAJ14CA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAJ14CA DIODES-SMAJ14CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ14CA BYTES-SMAJ14CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ14CA UMW-SMAJ14CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
PACELEADER INDUSTRIAL
SMAJ14CA PACELEADER-SMAJ14CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMAJ14CA ANOVA-SMAJ14CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Description similaire - SMAJ14CA

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
SMCJ ZOWIE-SMCJ Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ ZOWIE-SMBJ Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
20KPA SMC-20KPA Datasheet
220Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com