Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCXO-208C Fiches technique(PDF) 1 Page - Kyocera Kinseki Corpotation

No de pièce TCXO-208C
Description  TCXO, VC-TCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCXO-208C Fiches technique(HTML) 1 Page - Kyocera Kinseki Corpotation

  TCXO-208C Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sOutline
sLand Pattern(reference)
sTypical External Component onnection
19.8
KSS001
#1
#4
#2
#3
Pin Connection
#1:VC VC-TCXO
GND TCXO
#2:GND
#3:OUTPUT
#4:Vcc
2.95
0.925
0.925
5.0
±0.15
3.81
4.9
2.9
(VC-)TCXO-208C
TCXO, VC-TCXO
sFeatures
¡VC-TCXO for Personal Cellular Phone.
¡Because it is leadless type, automatic mounting is possible.
¡Ultra small size. (5
×3.2×1.5mm) Micro scopic size
¡Reflow Soldering.
¡Low power consumption.
sSpecifications
Type
*1
Item
Standard Frequency
12.8, 13.0, 14.4, 14.85, 15.36, 16.8, 19.2, 19.68, 19.8MHz
Frequency Stability
±2.5×10–6/-30~+80: *2
Aging
±1×10–6 MAX./year
Supply Voltage
+3V
±5%
Supply Current
2.0mA MAX.
Load
10k
Ω//10pF
Output
Level
0.8VP-P MIN. (Required DC Blocking Capacitor)
Start up time
3m sec MAX.
Frequency Deviation/ Voltage (only VC-TCXO)
8~12
×10–6/V (Positive)
Capacity / Weight
0.02cc, 0.06g
*1 Please contact us for reflow.
*2 Frequency Stability
±1.5×10 –6/-20~+75: is available.
TCXO-208C
VC-TCXO-208C
Dimensions(mm)
OUTPUT
OUTPUT
VCC
VCC
VC
GND
VC
0.01
µF
0.01
µF
43
12
(TOP VIEW)
* Vcc noise pass Capacitor and DC Blocking
Capacitor do not build inside TCXO. Then
Please place them around TCXO.
Vcc noise pass Capacitor should be placed
as close as possible to the pin(NO.4).
(VC-)TCXO-208C


Numéro de pièce similaire - TCXO-208C

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
More results

Description similaire - TCXO-208C

FabricantNo de pièceFiches techniqueDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
VC-TXO-35SM ECS-VC-TXO-35SM Datasheet
369Kb / 1P
   VC-TCXO
VC-TXO-39SMX ECS-VC-TXO-39SMX Datasheet
97Kb / 2P
   VC-TCXO
logo
Seiko Instruments Inc
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com