Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV1620 Fiches technique(PDF) 1 Page - Knox Semiconductor, Inc

No de pièce MV1620
Description  ABRUPT VARACTOR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KNOX [Knox Semiconductor, Inc]
Site Internet  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

MV1620 Fiches technique(HTML) 1 Page - Knox Semiconductor, Inc

  MV1620 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
ABRUPT VARACTOR DIODES
MV1620 - MV1650
PART
CT DIODE CAPACITANCE
Q, QUALITY FACTOR
TR, TUNING RATIO
NUMBER
Vr = 4 Vdc, f = 1 MHz
Vr = 4 Vdc
C•2V / C•20V
(pF)
f = 50 MHz
f = 1 MHz
MIN
NOM
MAX
MIN
MIN
MAX
MV1620
6.1
6.8
7.5
300
2.0
3.2
MV1622
7.4
8.2
9.0
300
2.0
3.2
MV1624
9.0
10.0
11.0
300
2.0
3.2
MV1626
10.8
12.0
13.2
300
2.0
3.2
MV1628
13.5
15.0
16.5
250
2.0
3.2
MV1630
16.2
18.0
19.8
250
2.0
3.2
MV1632
18.0
20.0
22.0
250
2.0
3.2
MV1634
19.8
22.0
24.2
250
2.0
3.2
MV1636
24.3
27.0
29.7
200
2.0
3.2
MV1638
29.7
33.0
36.3
200
2.0
3.2
MV1640
35.1
39.0
42.9
200
2.0
3.2
MV1642
42.3
47.0
51.7
200
2.0
3.2
MV1644
50.4
56.0
61.6
150
2.0
3.2
MV1646
61.2
68.0
74.8
150
2.0
3.2
MV1648
73.8
82.0
90.2
150
2.0
3.2
MV1650
90.0
100.0
110.0
150
2.0
3.2
Package Style
DO-7
DC Power Dissipation
@ Ta = 25° C
400 mW
Min Reverse Breakdown Voltage
@ Ir = 10 µA
20 Vdc
Max Reverse Current (IR)
@ 15 Vdc
0.1 µA Max
Operating Temperature (Topr)
-65 to + 150° C
Storage Temperature (Tstg)
-65 to + 200° C
Junction Temperature
175° C


Numéro de pièce similaire - MV1620

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Semiconductor
MV1648 ASI-MV1648 Datasheet
32Kb / 1P
   SILICON ABRUPT VARACTOR
logo
Knox Semiconductor, Inc
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV1654 KNOX-MV1654 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV1656 KNOX-MV1656 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV1658 KNOX-MV1658 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
More results

Description similaire - MV1620

FabricantNo de pièceFiches techniqueDescription
logo
Knox Semiconductor, Inc
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
logo
Knox Semiconductor, Inc
1N5681 KNOX-1N5681 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
1N5139 KNOX-1N5139 Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
1N5441 KNOX-1N5441 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com