Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4683 Fiches technique(PDF) 1 Page - Knox Semiconductor, Inc

No de pièce 1N4683
Description  LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KNOX [Knox Semiconductor, Inc]
Site Internet  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

1N4683 Fiches technique(HTML) 1 Page - Knox Semiconductor, Inc

  1N4683 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
LOW LEVEL ZENER DIODES
ULTRA-LOW CURRENT: 50 µA - LOW LEAKAGE
1N4678 - 1N4714
NOM ZENER
MAX REVERSE
MAX REGULATION
MAX REGULATOR
PART
VOLTAGE
LEAKAGE CURRENT
FACTOR 100 µAdc
CURRENT Izm
NUMBER
Vz @ 50 µA
Ir
@
Vr
TO 10 µAdc
(VOLTS)
(µAdc)
(Vdc)
∆∆Vz (VOLTS)
(mAdc)
1N4678
1.8
7.5
1.0
0.70
120.0
1N4679
2.0
5.0
1.0
0.70
110.0
1N4680
2.2
4.0
1.0
0.75
100.0
1N4681
2.4
2.0
1.0
0.80
95.0
1N4682
2.7
1.0
1.0
0.85
90.0
1N4683
3.0
0.8
1.0
0.90
85.0
1N4684
3.3
7.5
1.5
0.95
80.0
1N4685
3.6
7.5
2.0
0.95
75.0
1N4686
3.9
5.0
2.0
0.97
70.0
1N4687
4.3
4.0
2.0
0.99
65.0
1N4688
4.7
10.0
3.0
0.99
60.0
1N4689
5.1
10.0
3.0
0.97
55.0
1N4690
5.6
10.0
4.0
0.96
50.0
1N4691
6.2
10.0
5.0
0.95
45.0
1N4692
6.8
10.0
5.1
0.90
35.0
1N4693
7.5
10.0
5.7
0.75
31.8
1N4694
8.2
1.0
6.2
0.50
29.0
1N4695
8.7
1.0
6.6
0.10
27.4
1N4696
9.1
1.0
6.9
0.08
26.2
1N4697
10.0
1.0
7.6
0.10
24.8
1N4698
11.0
0.05
8.4
0.11
21.6
1N4699
12.0
0.05
9.1
0.12
20.4
1N4700
13.0
0.05
9.8
0.13
19.0
1N4701
14.0
0.05
10.6
0.14
17.5
1N4702
15.0
0.05
11.4
0.15
16.3
1N4703
16.0
0.05
12.1
0.16
15.4
1N4704
17.0
0.05
12.9
0.17
14.5
1N4705
18.0
0.05
13.6
0.18
13.2
1N4706
19.0
0.05
14.4
0.19
12.5
1N4707
20.0
0.01
15.2
0.20
11.9
1N4708
22.0
0.01
16.7
0.22
10.8
1N4709
24.0
0.01
18.2
0.24
9.9
1N4710
25.0
0.01
19.0
0.25
9.5
1N4711
27.0
0.01
20.4
0.27
8.8
1N4712
28.0
0.01
21.2
0.28
8.5
1N4713
30.0
0.01
22.8
0.30
7.9
1N4714
33.0
0.01
25.0
0.33
7.2
Package Style
DO-7
Vz tolerance: ± 5%.


Numéro de pièce similaire - 1N4683

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4683 VISHAY-1N4683 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Micro Commercial Compon...
1N4683 MCC-1N4683 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Compensated Deuices Inc...
1N4683 CDI-DIODE-1N4683 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
General Semiconductor
1N4683 GE-1N4683 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Microsemi Corporation
1N4683 MICROSEMI-1N4683 Datasheet
48Kb / 1P
   SILICON 250 mW ZENER DIODES
More results

Description similaire - 1N4683

FabricantNo de pièceFiches techniqueDescription
logo
Knox Semiconductor, Inc
1N4099 KNOX-1N4099 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
K120 KNOX-K120 Datasheet
34Kb / 1P
   LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
logo
Digitron Semiconductors
FJT1100 DIGITRON-FJT1100 Datasheet
61Kb / 1P
   ULTRA LOW LEAKAGE DIODES
logo
Fairchild Semiconductor
FJT1100 FAIRCHILD-FJT1100 Datasheet
29Kb / 1P
   Ultra Low Leakage Diodes
logo
Shanghai Leiditech Elec...
ESDA05CT LEIDITECH-ESDA05CT Datasheet
129Kb / 3P
   Ultra low leakage: nA level
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
   Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
FTVESD0512X6 FS-FTVESD0512X6 Datasheet
356Kb / 4P
   Ultra low leakage: nA level
2022. 01. 03 Revision No : 0
logo
Shanghai Leiditech Elec...
PESD1CAN-U LEIDITECH-PESD1CAN-U Datasheet
421Kb / 3P
   Ultra low leakage: nA level
ESDA08CP LEIDITECH-ESDA08CP Datasheet
258Kb / 3P
   Ultra low leakage: nA level
LC0504W LEIDITECH-LC0504W Datasheet
1Mb / 4P
   Ultra low leakage: nA level
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com