Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56WS Fiches technique(PDF) 5 Page - TAITRON Components Incorporated

No de pièce BAW56WS
Description  Three Terminals SMD Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAW56WS Fiches technique(HTML) 5 Page - TAITRON Components Incorporated

  BAW56WS Datasheet HTML 1Page - TAITRON Components Incorporated BAW56WS Datasheet HTML 2Page - TAITRON Components Incorporated BAW56WS Datasheet HTML 3Page - TAITRON Components Incorporated BAW56WS Datasheet HTML 4Page - TAITRON Components Incorporated BAW56WS Datasheet HTML 5Page - TAITRON Components Incorporated BAW56WS Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Three Terminals SMD Switching Diode
Rev. A/NX
BAW56WS
www.taitroncomponents.com
Page 5 of 6
Packing Information:
Carrier Tape Dimensions (in mm)
Note: Symbol A0, B0, K0 are determined by the maximum dimensions of the component size.
The clearance between the component and the cavity must be within
0.05 mm (0.002’’) min. to 0.50 mm (0.02’’) max. for 8 mm tape.
Reel Dimensions (in mm)
Product Type
A0
B0
K0
D
P0
P
See Note
1.55±0.5
4.0±0.1
4.0±0.1
SOT-323
W
E
T
D1
F
P2
8.0+0.3/-0.1
1.75±0.1
0.38±0.1
1.0±0.05
3.5±0.5
2.0±0.05
A
C
G
T
178.0±2.0
13.0±0.5
8.4±2.0
14.4 max.


Numéro de pièce similaire - BAW56WS

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
BAW56WS SEMTECH_ELEC-BAW56WS Datasheet
295Kb / 3P
   HIGH-SPEED SWITCHING DIODE
logo
Goodwork Semiconductor ...
BAW56WS GWSEMI-BAW56WS Datasheet
955Kb / 3P
   Silicon Epitaxial Planar Switching Diode
More results

Description similaire - BAW56WS

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
   Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
   Three Terminals SMD Switching Diode
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
   Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
   Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
   Three Terminals SMD Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
   Three Terminals SMD Switching Diode
BAS16 TAITRON-BAS16 Datasheet
190Kb / 5P
   Three Terminals SMD Switching Diode
BAV99 TAITRON-BAV99 Datasheet
321Kb / 5P
   Three Terminals SMD Switching Diode
BAS116 TAITRON-BAS116_12 Datasheet
194Kb / 4P
   Three Terminals SMD Low Leakage Switching Diode
MMBD4148 TAITRON-MMBD4148 Datasheet
239Kb / 5P
   Three Terminals SMD Switching Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com