Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99DWS Fiches technique(PDF) 1 Page - TAITRON Components Incorporated

No de pièce BAV99DWS
Description  Multiple Terminals SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAV99DWS Fiches technique(HTML) 1 Page - TAITRON Components Incorporated

  BAV99DWS Datasheet HTML 1Page - TAITRON Components Incorporated BAV99DWS Datasheet HTML 2Page - TAITRON Components Incorporated BAV99DWS Datasheet HTML 3Page - TAITRON Components Incorporated BAV99DWS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/NX
BAV99DWS / MMBD4148SDWS
MULTIPLE TERMINALS
SMD SWITCHING DIODE
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Multiple Terminals SMD Switching Diode
Features
 Fast Switching Speed
 Surface Mount Package Ideally Suited for Automatic Insertion
 High Conductance
 RoHS compliant
Mechanical Data
Case:
SOT-363, Plastic Case
Terminals:
Solderable per MIL-STD-750, Method 2026
Weight:
Approx. 0.006 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAV99DWS
MMBD4148SDWS
Unit
Conditions
Marking Code
JB
VRM
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
IF(AV)
Forward Average Current
150
mA
Half wave rectification
with resistive load and
f≥50Hz
IFSM
Peak Forward Surge Current, Pulse Width=1.0us
4.0
A
PD
Power Dissipation Derate above 25°C
200
mW
VF
Max. Forward Voltage
0.715
V
IF=1mA
0.855
IF=10mA
1.0
IF=50mA
1.25
IF=150mA
IR
Max. DC Reverse Current at Rated DC Blocking
Voltage Tj=25°C
0.03
µA
VR=25V
2.5
VR=75V
CJ
Junction Capacitance
1.5
pF
VR=0V, f=1MHz
Trr
Max. Reverse Recovery Time
4.0
ns
IF=10mA , IR=1mA,
VR=6V, RL=100Ω
RthJA
Max. Thermal Resistance
625
°C/W
TJ
Storage Temperature Range
-55 to +150
°C
SOT-363


Numéro de pièce similaire - BAV99DWS

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
logo
Jiangsu Changjiang Elec...
BAV99DW JIANGSU-BAV99DW Datasheet
3Mb / 4P
   SWITCHING DIODE
logo
Weitron Technology
BAV99DW WEITRON-BAV99DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
Galaxy Semi-Conductor H...
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
73Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. 9 - 2
More results

Description similaire - BAV99DWS

FabricantNo de pièceFiches techniqueDescription
logo
TAITRON Components Inco...
TWG4148T-16WS TAITRON-TWG4148T-16WS Datasheet
179Kb / 4P
   MULTIPLE TERMINALS SMD SWITCHING DIODE
BAS16TWS TAITRON-BAS16TWS Datasheet
278Kb / 4P
   Multiple Terminals SMD Switching Diode
BAV70DWS TAITRON-BAV70DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
BAW56DWS TAITRON-BAW56DWS Datasheet
279Kb / 4P
   Multiple Terminals SMD Switching Diode
MMBD3004BRM TAITRON-MMBD3004BRM Datasheet
258Kb / 4P
   Multiple Terminals SMD Switching Diode
logo
List of Unclassifed Man...
TWG4148T-16WS ETC2-TWG4148T-16WS Datasheet
179Kb / 4P
   MULTIPLE TERMINALS SMD SWITCHING DIODE
logo
TAITRON Components Inco...
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
   Multiple Terminals SMD Switching Diodes
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
   Three Terminals SMD Switching Diode
TWD160WS TAITRON-TWD160WS Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
1N4448WU TAITRON-1N4448WU Datasheet
180Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com