Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTX302U Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KTX302U
Description  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX302U Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KTX302U Datasheet HTML 1Page - KEC(Korea Electronics) KTX302U Datasheet HTML 2Page - KEC(Korea Electronics) KTX302U Datasheet HTML 3Page - KEC(Korea Electronics) KTX302U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2003. 3. 11
4/4
KTX302U
Revision No : 1
I
- V
R
REVERSE VOLTAGE V (V)
05
RR
0.5
1
5
10
I
- V
F
FORWARD VOLTAGE V (mV)
F
1
Ta=25 C
F
0
100
-1
10
1
10
2
10
-4
10
-3
10
-2
10
20
25
REVERSE VOLTAGE V (V)
5
5
10
50
0
R
15
10
100
C
- V
TR
30
200
300
400
500
10
15
20
30
25
Ta=25 C
f=1MHz
Ta=25 C
D (SBD)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KTX402U EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1  2  3  4  KEC(Korea Electronics)
KTX303U EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1  2  3  4  KEC(Korea Electronics)
KTX403U EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1  2  3  4  KEC(Korea Electronics)
KTX301E EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1  2  KEC(Korea Electronics)
KTX301U EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1  2  KEC(Korea Electronics)
KTX401E EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1  2  KEC(Korea Electronics)
KTX401U EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1  2  KEC(Korea Electronics)
MA2SD30 Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1  2  3  Panasonic Semiconductor
HRB0103A Silicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1  2  3  4  5  More Hitachi Semiconductor
HRB0103B Silicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1  2  3  4  5  More Hitachi Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn