Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3418 Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce 2SK3418
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3418 Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button 2SK3418_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3418_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SK3418
Rev.2.00 Sep. 10, 2004 page 7 of 7
Package Dimensions
0.5 ± 0.1
2.54 ± 0.5
0.76 ± 0.1
10.16 ± 0.2
2.54 ± 0.5
1.26 ± 0.15
4.44 ± 0.2
2.7 Max
1.5 Max
11.5 Max
9.5
8.0
φ 3.6 +0.1
–0.08
Package Code
JEDEC
JEITA
Mass (reference value)
TO-220AB
Conforms
Conforms
1.8 g
As of January, 2003
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SK3418-E
50 pcs
sack
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Numéro de pièce similaire - 2SK3418_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK3418-E RENESAS-2SK3418-E Datasheet
116Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Description similaire - 2SK3418_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com