Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTD1347 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTD1347
Description  EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1347 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTD1347 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1347 Datasheet HTML 2Page - KEC(Korea Electronics) KTD1347 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 11. 30
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD1347
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 1
VOLTAGE REGULATORS, RELAY DRIVERS
LAMP DRIVERS, ELECTRICAL EQUIPMENT
FEATURES
Adoption of MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Complementary to KTB985.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE (1) Classification A:100 200, B:140 280, C:200 400
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Vollector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
3
A
Collector Current (Pulse)
ICP
6
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX. UNIT.
Collector Cut-off Current
ICBO
VCB=40V, IE=0
-
-
1
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
-
-
1
DC Current Gain
hFE (1) (Note) VCE=2V, IC=100
100
-
400
hFE (2)
VCE=2V, IC=3A
35
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2A, IB=100
-
0.19
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=2A, IB=100
-
0.94
1.2
V
Transition Frequency
fT
VCE=10V, IC=50
-
150
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1
-
25
-
Switching
Time
Turn-on Time
ton
IB2
470
µ
25
-5V
25V
10I 1=-10I
=I =1A
B
B2
C
100
µ
50
VR
I B1
PW=20
µs
DC 1%
R8
INPUT
<
=
-
70
-
nS
Storage Time
tstg
-
650
-
Fall Time
tf
-
35
-


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn