Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N052048 Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce N052048
Description  48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N052048 Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N052048 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N052048 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48-Port 2U Rack-Mount Cat5e 110 Patch Panel,
568B, RJ45 Ethernet
MODEL NUMBER: N052-048
Description
Tripp Lite's Enhanced Category 5 Patch Panels offer you all the functionality and compatibility as any name brand. Each panel comes with 110-type
termination, while meeting and exceeding EIA/TIA TSB-40 Cat5e connecting hardware specifications. Color coded for both EIA/TIA 568A & 568B installations.
48 ports ensure a wide range of plug-n-play options. The clear numbering on both the front and back of each panel gives you a quick and easy way to identify
cable runs and the high density 19in panel design will save you valuable space in on the rack.
Features
Cat5e
UL approved
Ports clearly numbered both on front and back
Labels on front enable each port to be named
Color coded label on back offers both EIA/TIA 568A & 568B wiring
Metal frame
EIA/TIA 2/32 spacing
Rack mountable on a 19 rack ( 2U Height, 3.50in )
Specifications
OVERVIEW
Cable Type
Cat5/5e
CONNECTIONS
Connector A
110-TYPE TERMINAL (X48)
Connector B
RJ45 (FEMALE) (X48)
Highlights
19-in. rackmount ready, 2U
Height ( 3.50in )
EIA/TIA 2/32 spacing
110 type punchdown termination
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
Cat5e Patch Panel 568B-48 Port,
2U
1 / 2


Numéro de pièce similaire - N052048

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N052012 TRIPPLITE-N052012 Datasheet
475Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
More results

Description similaire - N052048

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252048 TRIPPLITE-N252048 Datasheet
490Kb / 2P
   48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252-048 TRIPPLITE-N252-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052012 TRIPPLITE-N052012 Datasheet
475Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-024 TRIPPLITE-N052-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N2520481U TRIPPLITE-N2520481U Datasheet
478Kb / 2P
   48-Port 1U Rack-Mount Cat6/Cat5 High Density 110 Patch Panel, 568B, RJ45 Ethernet
N050012 TRIPPLITE-N050012 Datasheet
495Kb / 2P
   12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com