Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTB2234 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTB2234
Description  EPITAXIAL PLANAR PNP TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, POWER SWITCHING, POWER AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB2234 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTB2234 Datasheet HTML 1Page - KEC(Korea Electronics) KTB2234 Datasheet HTML 2Page - KEC(Korea Electronics) KTB2234 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 10. 23
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB2234
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
MICRO MOTOR DRIVE, HAMMER DRIVE APPLICATIONS.
POWER SWITCHING APPLICATIONS.
POWER AMPLIFIER APPLICATION.
FEATURES
High DC Current Gain
: hFE=200(Min.) (VCE=-2V, IC=-1A)
Low Saturation Voltage
: VCE(sat)=-1.5V(Max.) (IC=-1A, IB=-1mA)
Complementary to KTD2854.
MAXIMUM RATINGS (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-8
V
Collector Current
DC
IC
-2
A
Peak
ICP
-3
Base Current
IB
-0.5
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-80V, IE=0
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-8V, IC=0
-
-
-4
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-100
-
-
V
DC Current Gain
hFE
VCE=-2V, IC=-1A(Pulse)
2000
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1A, IB=-1mA(Pulse)
-
-
-1.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-1A, IB=-1mA(Pulse)
-
-
-2.0
V
Transition Frequency
fT
VCE=-2V, IC=-0.5A
-
50
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
27
-
pF
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V
=-30V
IB2
IB2
20
µs
-I =I =1mA
1%
B1 B2
OUTPUT
DUTY CYCLE
INPUT
0
<
=
-
0.4
-
S
Storage Time
tstg
-
2.0
-
Fall Time
tf
-
0.4
-
COLLECTOR
BASE
EMITTER
4k
800
−∼
−∼
EQUIVALENT CIRCUIT


Numéro de pièce similaire - KTB2234

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTB2510 KEC-KTB2510 Datasheet
300Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER DARLINGTON)
KTB2510 KEC-KTB2510 Datasheet
345Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTB2510 ISC-KTB2510 Datasheet
153Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
KEC(Korea Electronics)
KTB2510 KEC-KTB2510_08 Datasheet
345Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTB2510 KEC-KTB2510_15 Datasheet
748Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Description similaire - KTB2234

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTD2854 KEC-KTD2854 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (MICRI MOTOR DRIVE, HAMMER DRIVE, SWITCHING POWER AMPLIFIER)
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457 Datasheet
155Kb / 4P
   TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)
2SD2206 TOSHIBA-2SD2206 Datasheet
160Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2130 TOSHIBA-2SD2130 Datasheet
218Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1509 TOSHIBA-2SD1509 Datasheet
163Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2480 TOSHIBA-2SD2480 Datasheet
196Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1658 TOSHIBA-2SD1658 Datasheet
177Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2088 TOSHIBA-2SD2088 Datasheet
179Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com