Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1124 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTB1124
Description  EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1124 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTB1124 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1124 Datasheet HTML 2Page - KEC(Korea Electronics) KTB1124 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 12. 6
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB1124
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
VOLTAGE REGULATORS, RELAY DRIVERS
LAMP DRIVERS, ELECTRICAL EQUIPMENT
FEATURES
Adoption of MBIT processes.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Large current capacity and wide ASO.
Complementary to KTD1624.
MAXIMUM RATING (Ta=25 )
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. COLLECTOR (HEAT SINK)
A
C
K
F
MILLIMETERS
H
1. BASE
3. EMITTER
FF
D
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE (1) Classification A:100 200, B:140 280, C:200 400
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Vollector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-3
A
Collector Current(Pulse)
ICP
-6
A
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-40V, IE=0
-
-
-1
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-1
DC Current Gain
hFE(1) (Note) VCE=-2V, IC=-100
100
-
400
hFE (2)
VCE=-2V, IC=-3A
35
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-100
-
-0.35
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-2A, IB=-100
-
-0.94
-1.2
V
Transition Frequency
fT
VCE=-10V, IC=-50
-
150
-
Collector Output Capacitance
Cob
VCB=-10V, f=1
-
39
-
Switching
Time
Turn-on Time
ton
IB2
470
25
5V
-25V
-10I 1=10I =I =1A
BB2
C
100
50
VR
IB1
PW=20
µs
DC 1%
R8
INPUT
<
=
-
70
-
nS
Storage Time
tstg
-
450
-
Fall Time
tf
-
35
-
* : Package mounted on ceramic substrate(250mm2 0.8t)
Type Name
h
Rank
FE
Lot No.
Marking


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn