Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1124 Datasheet(Fiches technique) 3 Page - KEC(Korea Electronics)

Numéro de pièce KTB1124
Description  EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1124 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTB1124 Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1124 Datenblatt HTML 2Page - KEC(Korea Electronics) KTB1124 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2001. 12. 6
3/3
KTB1124
Revision No : 3
-0.03
COLLECTOR CURRENT I
(A)
-0.01
500
100
300
30
50
10
1k
V
=10V
C
-1
-0.3
-0.1
-3
-10
CE
f
- I
TC
COLLECTOR EMITTER VOLTAGE V
(V)
Ta=25 C ONE PULSE
-0.3
-0.05
-0.5
-0.3
-0.1
-0.03
-0.02
-0.1
-1
DC
O
per
atio
n
-1
-3
-10
CE
-100
-30
SAFE OPERATING AREA
COLLECTOR BASE VOLTAGE V
(V)
I
MAX.
CP
-0.3
-0.1
-10
-5
-3
I
C
1
3
5
10
50
30
-10
-3
-1
100
C
- V
ob
CB
f=1MHz
-30
-100
CB
MOUNTED ON CERAMIC
BOARD (250mm
x0.8t)
2
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON CERAMIC
SUBSTRATE
(250mm
x0.8t)
Ta=25 C
2
1
2
1
2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn