Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1807D Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KTA1807D
Description  TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1807D Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KTA1807D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1807D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1807D Datasheet HTML 3Page - KEC(Korea Electronics) KTA1807D Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2003. 3. 27
3/4
KTA1807D/L
Revision No : 2
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
C
BE
COLLECTOR CURRENT I
(A)
C
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
-2
-4
-6
-8
-10
-20
-40
-60
-80
-100
I =-0.2mA
-0.4mA
-0.6mA
-0.8mA
-1.0mA
-1.2mA
-1.4mA
-1.6mA
-1.8mA
B
V
=-5V
CE
V
=-250V
CE
I
=-I
B1
t stg
t f
B2
I
/ I =5
CB
I
/ I =5
CB
V CE(sat)
VBE(sat)
V
=-5V
CE
h
- I
FE
C
-0.002 -0.005
1
-0.01 -0.02 -0.05 -0.1 -0.2
-1
-2
-0.5
3
10
30
100
300
1K
0.05
-0.1
-0.3
-1
-0.5
0.1
0.3
0.5
1
3
10
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-0.003
-0.01
-0.03
-0.1
-0.3
-1.0
t
- I
C
COLLECTOR CURRENT I
(A)
C
V
, V
- I
C
COLLECTOR CURRENT I
(A)
CE(sat)
BE(sat)
C
-0.005 -0.01
-0.03 -0.05
-0.1
-0.3 -0.5
-0.03
-0.1
-0.3
-1
-3
0
-0.2
-200
0
-800
-400
-600
-1K
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
-0.4
-0.6
-0.8
-1.0
REVERSE BIAS


Numéro de pièce similaire - KTA1807D

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Description similaire - KTA1807D

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTB1370 KEC-KTB1370 Datasheet
417Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH CURRENT SWITCHING, POWER AMPLIFIER)
KTC4521 KEC-KTC4521 Datasheet
366Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4521F KEC-KTC4521F Datasheet
382Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
logo
NEC
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com