Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTA1726 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA1726
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1726 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA1726 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1726 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1726 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 6. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1726
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
Complementary to KTC4512.
Recommended for 30W 35W Audio Frequency
Amplifier Output Stage.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
TO-220AB
10.30 MAX
15.30 MAX
0.80
Φ3.60 0.20
3.00
6.70 MAX
13.60 0.50
5.60 MAX
0.50
1.50 MAX
2.54
4.70 MAX
2.60
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
A
MM
123
L
C
K
J
P
D
1.37 MAX
1.50 MAX
R
S
C
T
Q1.50
R
9.50 0.20
S
8.00 0.20
T
2.90 MAX
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification
R:55~110, O:80~160.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-6
A
Base Current
IB
-3
A
Collector Power Dissipation (Tc=25 )
PC
50
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-80V, IE=0
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-6V, IC=0
-
-
-10
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-25mA, IB=0
-80
-
-
V
DC Current Gain
hFE(Note)
VCE=-4V, IC=-2A
55
-
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-0.2A
-
-
-0.5
V
Transition Frequency
fT
VCE=-12V, IC=-0.5A
-
20
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
150
-
pF


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn