Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1725 Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KTA1725
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1725 Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KTA1725 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1725 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1725 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 5
2/3
KTA1725
Revision No : 0
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
I
- V
BE
BASE-EMITTER VOLTAGE V
(V)
BASE CURRENT I
(A)
0
0
B
V
- I
CE(sat)
B
-1
-2
-3
-4
-2
-4
-6
-0.5
-1.0
-1.5
-1
-2
-3
C
BE
-1
-1.5
0
-2
-4
-6
I =-10mA
C
I =-20mA
C
I =-30mA
C
I =-50mA
C
I =-80mA
C
I =-100mA
C
I =
-15
0mA
C
I
=-2
00
mA
C
I =-6A
C
I =-4A
C
I =-2A
C
0
V
=-4V
CE
h
- I
COLLECTOR CURRENT I
(A)
10
-0.01
1k
50
-0.3
-0.1
C
FE
C
-1
-3
-10
30
V
=-4V
CE
100
300
500
-0.03
Tc=125 C
Tc=25 C
Tc=-30 C
Tc=125 C
-3
COLLECTOR CURRENT I
(A)
-0.1
-0.01
10
30
50
100
-0.03
-0.3
-1
C
-10
V
=-4V
1k
500
300
CE
h
- I
FE
C
Tc=25 C
Tc=-30 C
1k
100
10
1
0.1
th
R
- t
TIME t (S)
0.001
0.01
10
1
1 k
100
0.1
NO HEAT SINK
INFINITE SINK
1
2
1
2


Numéro de pièce similaire - KTA1725

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
KTA1725 FOSHAN-KTA1725 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results

Description similaire - KTA1725

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1726 KEC-KTA1726 Datasheet
78Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
TIP34C KEC-TIP34C Datasheet
73Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTB2955 KEC-KTB2955 Datasheet
267Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER)
KTB2510 KEC-KTB2510 Datasheet
300Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH POWER AMPLIFIER DARLINGTON)
KTA1718D KEC-KTA1718D Datasheet
413Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1296 KEC-KTA1296 Datasheet
72Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
KTA1666 KEC-KTA1666 Datasheet
407Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
logo
Cystech Electonics Corp...
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
   PNP Epitaxial Planar Power Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com