Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTA1668 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA1668
Description  EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1668 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA1668 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1668 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1668 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 12. 22
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1668
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
VOLTAGE REGULATOR, RELAY,
LAMP DRIVER, INDUSTRIAL USE
FEATURES
High Voltage : VCEO=-60V(Min.).
High Current : IC(Max.)=-1A.
High Transition Frequency : fT=150MHz (Typ.).
Wide Area of Safe Operation.
Complementary to KTC4378.
MAXIMUM RATING (Ta=25 )
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. COLLECTOR (HEAT SINK)
A
C
K
F
MILLIMETERS
H
1. BASE
3. EMITTER
FF
D
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification O:60 120, Y:100 200
PC* : Package mounted on ceramic substrate (250mm2x0.8t)
Type Name
h
Rank
FE
Lot No.
Marking
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-100
nA
DC Current Gain
hFE(1)
VCE=-2V, IC=-50mA
60
-
200
hFE(2)
VCE=-2V, IC=-1A
30
-
-
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-60
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-0.2
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-500mA, IB=-50mA
-
-0.85
-1.2
V
Transition Frequency
fT
VCE=-10V, IC=-50mA
-
150
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
-
12
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-1
A
Pulse
ICP
-2
Collector Power Dissipation
PC
500
mW
PC *
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn