Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTA1385D Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KTA1385D
Description  EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1385D Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KTA1385D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1385D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1385D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTA1385D/L
Revision No : 3
-6
-10
-1.2
-0.8
-0.4
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
Pc - Ta
AMBIENT TEMPERATURE Ta ( C)
0
0
50
100
150
200
250
5
10
15
20
25
CASE TEMPERATURE Tc ( C)
0
0
120
50
160
200
100
150
d
- T
TC
40
80
0
-2
-20
-80
-40
-60
-100
S/b
Limited
Dissipation
Limited
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
-3
-10
-30
-0.1
-100
-0.3
-0.5
-1
-3
-5
-10
-5
-50
2m
S*
10m
S*
200mS*
Dissipation
L
imited
S/b
Limited
I MAX.
I (Pulse)MAX.*
C
SAFE OPERATING AREA
-4
-6
-8
-10
25
75
125
175
20
60
100
140
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
-1.2
-1.6
-2.0
-2
-4
-8
I =0mA
B
I =-10mA
B
I =-20mA
B
I =-30mA
B
I =-40mA
B
I =-60mA
B
I =-80mA
B
I =-100mA
B
I =-150mA
B
-0.01
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
-0.03
-0.1
-0.3
-1
-3
-10
1
3
5
10
30
50
100
300
500
1k
V
=-2V
CE
V
=-1V
CE
C
* SINGLE NONREPETIVE
PULSED Tc=25 C
CURVES MUST BE DERATED
LINERLY WITH INCREASE
IN TEMPERATURE
REVERSE BIAS
Ta=25 C
Tc=25
C


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KTB1151 EPITAXIAL PLANAR PNP TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  KEC(Korea Electronics)
KTC5103D EPITAXIAL PLANAR NPN TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  KEC(Korea Electronics)
KTD1691 EPITAXIAL PLANAR NPN TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  KEC(Korea Electronics)
BC369 PNP Silicon AF Transistor High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  Siemens Semiconductor Group
KSB1151 PNP LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  4  5  Samsung semiconductor
BSP60BSP62 PNP Silicon Darlington Transistors High collector current Low collector-emitter saturation voltage 1  2  3  4  5  Siemens Semiconductor Group
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
KTA1268 EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE AMPLIFIER HIGH VOLTAGE 1  2  KEC(Korea Electronics)
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
KTX302U EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1  2  3  4  KEC(Korea Electronics)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn