Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTA1385D Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA1385D
Description  EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1385D Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA1385D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1385D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1385D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1385D/L
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
LOW COLLECTOR SATURATION VOLTAGE
LARGE CURRENT
FEATURES
High Power Dissipation : PC=1.3W(Ta=25 )
Complementary to KTC5103D/L
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
* Pulse test : PW 350 S, Duty Cycle 2% Pulse
Note) hFE(2) Classification : O:160 320, Y:200 400.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
DC
IC
-5
A
Pulse *
ICP
-8
Base Current
IB
-1
A
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
15
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-10
A
Emitter Cut-off Current
IEBO
VEB=-7V, IC=0
-
-
-10
A
DC Current Gain
*
hFE 1
VCE=-1V, IC=-0.1A
60
-
-
hFE2 (Note)
VCE=-1V, IC=-2A
160
-
400
hFE 3
VCE=-2V, IC=-5A
50
-
-
Collector-Emitter Saturation Voltage *
VCE(sat)
IC=-2A, IB=-0.2A
-
-0.14
-0.3
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=-2A, IB=-0.2A
-
-0.9
-1.2
V
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V
=-10V
IB2
IB2
20µsec
-I =I =0.2A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
0
<
=
-
0.15
1
S
Storage Time
tstg
-
0.78
2.5
Fall Time
tf
-
0.18
1
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
* PW 10ms, Duty Cycle 50%


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KTB1151 EPITAXIAL PLANAR PNP TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  KEC(Korea Electronics)
KTC5103D EPITAXIAL PLANAR NPN TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  KEC(Korea Electronics)
KTD1691 EPITAXIAL PLANAR NPN TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  KEC(Korea Electronics)
BC369 PNP Silicon AF Transistor High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  Siemens Semiconductor Group
KSB1151 PNP LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 1  2  3  4  5  Samsung semiconductor
BSP60BSP62 PNP Silicon Darlington Transistors High collector current Low collector-emitter saturation voltage 1  2  3  4  5  Siemens Semiconductor Group
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
KTA1268 EPITAXIAL PLANAR PNP TRANSISTOR LOW NOISE AMPLIFIER HIGH VOLTAGE 1  2  KEC(Korea Electronics)
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
KTX302U EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1  2  3  4  KEC(Korea Electronics)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn