Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTA1296 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA1296
Description  EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1296 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA1296 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1296 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 11. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1296
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
POWER AMPLIFIER APPLICATION.
POWER SWITCHING APPLICATION.
FEATURES
・Low Saturation Voltage.
: VCE(sat)=-0.5V(Max.) at IC=-2A
・Complementary to KTC3266.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-2
A
Base Current
IB
-0.5
A
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-20V, IE=0
-
-
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-6V, IC=0
-
-
-0.1
μA
DC Current Gain
hFE(1) (Note)
VCE=-2V, IC=-0.1A
120
-
400
hFE(2)
VCE=-2V, IC=-2A
40
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-0.1A
-
-
-0.5
V
Base-Emitter Voltage
VBE
VCE=-2V, IC=-0.1A
-
-
-0.85
V
Transition Frequency
fT
VCE=-2V, IC=-0.5A
-
120
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
40
-
pF
Note : hFE(1) Classification
Y:120
~240, GR:200~400


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn