Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1204 Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KTA1204
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1204 Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KTA1204 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1204 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1204 Datasheet HTML 3Page - KEC(Korea Electronics) KTA1204 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2003. 3. 27
3/4
KTA1204D/L
Revision No : 2
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
-0.4
-0.8
-1.2
-1.6
-2.0
-2
-4
-6
-8
-10
-60mA
-80mA
-100mA
-120mA
-140mA
-160mA
-40mA
-20mA
-10mA
I =0mA
B
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
-0.2
-0.4
-0.6
-1.2
-0.8
-1.0
-1
-2
-3
-4
-5
-7
-6
-8
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
-2
-4
-6
-8
-10
-1
-2
-3
-4
-5
-20mA
-25mA
-30mA
-15mA
-10mA
-5mA
I =0mA
B
COLLECTOR CURRENT I
(mA)
C
h - I
FE
C
10
30
50
100
300
500
1k
Ta=-25 C
V =-2V
CE
V =-2V
CE
V =-5V
CE
Ta=75 C
Ta=25 C
-1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C - V
ob
CB
-3
-5
-10
-30 -50
-100
f=1MHz
-0.01
-0.03
-0.1
-0.3
-1
-3
-10 -20
f - I
C
COLLECTOR CURRENT I (mA)
TC
10
30
50
100
300
500
10
30
50
100
300
500
-0.02 -0.05 -0.1
-0.3 -0.5 -1
-3 -5


Numéro de pièce similaire - KTA1204

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1225D KEC-KTA1225D Datasheet
399Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1225D KEC-KTA1225D Datasheet
404Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1225L KEC-KTA1225L Datasheet
399Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1225L KEC-KTA1225L Datasheet
404Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1241 KEC-KTA1241 Datasheet
347Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (STROBO FLASH, HIGH CURRENT)
More results

Description similaire - KTA1204

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTN2907S KEC-KTN2907S Datasheet
375Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING)
logo
Sanyo Semicon Device
2SA2210 SANYO-2SA2210_12 Datasheet
249Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3147 SANYO-CPH3147 Datasheet
39Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2210 SANYO-2SA2210 Datasheet
57Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Seme LAB
2SA2127 SEME-LAB-2SA2127 Datasheet
36Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Sanyo Semicon Device
2SA2203 SANYO-2SA2203 Datasheet
43Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3146 SANYO-CPH3146 Datasheet
40Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com