Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRC846T Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KRC846T
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC846T Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KRC846T Datasheet HTML 1Page - KEC(Korea Electronics) KRC846T Datasheet HTML 2Page - KEC(Korea Electronics) KRC846T Datasheet HTML 3Page - KEC(Korea Electronics) KRC846T Datasheet HTML 4Page - KEC(Korea Electronics) KRC846T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2002. 7. 10
3/5
KRC841T~KRC846T
Revision No : 2
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO
INPUT OFF VOLTAGE V
(V)
I(OFF)
I
- V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO
0.1
0.3
1
3
0.3
10
30
100
300
1k
0.5
1
3
5
10
30
50
100
300
500
V =0.3V
O
Ta=25 C
Ta=-25 C
0.4
30
KRC841T
V =0.3V
KRC842T
O
Ta=-25 C
Ta=25 C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
50
100
300
500
1k
3k
5k
KRC841T
V =5V
O
V =5V
O
KRC842T
13
10
30
300
1
30
100
300
1k
3
5
10
50
100
KRC841T
O
V =5V
Ta=100
C
Ta=25 C
Ta=-25 C
Ta=100
C
V =5V
KRC842T
O
Ta=-25 C
Ta=25 C
100
50
30
10
5
3
1
0.5
0.3
500
300
0.1
0.3
100
10
13
30
1k
300
100
300
50
30
500
0.8
0.4
0.6
1.6
1.2
1.0
1.4
2.0
1.8
5k
3k
1k
3
1
100
50
10
5
30
300
1
3
10
30
100
300
1k


Numéro de pièce similaire - KRC846T

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRC840E KEC-KRC840E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC840U KEC-KRC840U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC841E KEC-KRC841E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC841U KEC-KRC841U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC842E KEC-KRC842E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRC846T

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRC241S KEC-KRC241S Datasheet
748Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC241M KEC-KRC241M Datasheet
727Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC641T KEC-KRC641T Datasheet
69Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC851U KEC-KRC851U Datasheet
114Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860E KEC-KRC860E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC860U KEC-KRC860U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC866U KEC-KRC866U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC830E KEC-KRC830E Datasheet
50Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC836E KEC-KRC836E Datasheet
69Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC401 KEC-KRC401 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com