Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA751U Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KRA751U
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA751U Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KRA751U Datasheet HTML 1Page - KEC(Korea Electronics) KRA751U Datasheet HTML 2Page - KEC(Korea Electronics) KRA751U Datasheet HTML 3Page - KEC(Korea Electronics) KRA751U Datasheet HTML 4Page - KEC(Korea Electronics) KRA751U Datasheet HTML 5Page - KEC(Korea Electronics) KRA751U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2002. 1. 24
1/6
SEMICONDUCTOR
TECHNICAL DATA
KRA751U~KRA756U
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
With Built-in Bias Resistors.
Simplify Circuit Design.
Reduce a Quantity of Parts and Manufacturing Process.
High Packing Density.
DIM
MILLIMETERS
A
B
D
G
US6
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+_
+_
+_
+_
+_
1. Q COMMON (EMITTER)
4. Q COMMON (EMITTER)
3. Q OUT (COLLECTOR)
5. Q IN (BASE)
6. Q OUT (COLLECTOR)
1
2
2. Q IN (BASE)
1
1
2
2
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25 )
BIAS RESISTOR VALUES
R1
R2
COMMON(+)
OUT
IN
MARK SPEC
Type Name
12
3
6
54
TYPE NO.
R1(k )
R2(k )
KRA751U
4.7
4.7
KRA752U
10
10
KRA753U
22
22
KRA754U
47
47
KRA755U
2.2
47
KRA756U
4.7
47
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Voltage
KRA751U 756U
VO
-50
V
Input Voltage
KRA751U
VI
-20, 10
V
KRA752U
-30, 10
KRA753U
-40, 10
KRA754U
-40, 10
KRA755U
-12, 5
KRA756U
-20, 5
Output Current
KRA751U 756U
IO
-100
mA
Power Dissipation
PD *
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
1
Q1
23
65
4
Q2
EQUIVALENT CIRCUIT (TOP VIEW)
TYPE
KRA751U KRA752U KRA753U KRA754U KRA755U
KRA756U
MARK
PA
PB
PC
PD
PE
PF
* Total Rating.
Marking


Numéro de pièce similaire - KRA751U

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA751E KEC-KRA751E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRA751U

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com