Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KRA563U Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KRA563U
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA563U Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KRA563U Datasheet HTML 1Page - KEC(Korea Electronics) KRA563U Datasheet HTML 2Page - KEC(Korea Electronics) KRA563U Datasheet HTML 3Page - KEC(Korea Electronics) KRA563U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 7. 9
3/4
KRA560U~KRA564U
Revision No : 3
COLLECTOR CURRENT I (mA)
-0.1
300
-0.3
-1
-3
2k
h
- I
FE
C
C
COLLECTOR CURRENT I (mA)
h
- I
FE
C
C
COLLECTOR CURRENT I (mA)
h
- I
FE
C
C
-10
-30
-100
10
30
50
100
500
1k
Ta=100 C
Ta=25 C
Ta=-25 C
V =-5V
CE
-0.3
-0.1
100
30
50
10
300
500
1k
2k
V =-5V
-10
-3
-1
Ta=100 C
Ta=25 C
Ta=-25 C
CE
-100
-30
-0.3
10
-0.1
50
30
100
-10
V =-5V
Ta=-25 C
-1
CE
-3
-100
-30
1k
500
300
2k
Ta=25 C
Ta=100 C
KRA560U
KRA561U
KRA562U
KRA560U
-0.3
COLLECTOR CURRENT I
(mA)
-0.1
-0.1
-0.05
-0.03
-0.01
-1
-0.5
-0.3
-2
I /I =20
-10
-3
-1
Ta=-25 C
Ta=25 C
Ta=100 C
C
-100
-30
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
V
- I
CE(sat)
C
I /I =20
Ta=-25 C
Ta=100 C
-0.3
-0.1
-0.3
-0.5
-0.01
-0.03
-0.05
-0.1
-1
C
-1
-3
-10
Ta=25 C
KRA561U
-2
-30
-100
B
B
Ta=100 C
-0.3
Ta=-25 C
-0.1
-0.05
-0.03
-0.01
-0.1
-1
Ta=25 C
-3
-10
-100
-30
I /I =20
KRA562U
-0.5
-0.3
-1
-2
B
C


Numéro de pièce similaire - KRA563U

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA563E KEC-KRA563E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Description similaire - KRA563U

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com