Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDTA114EET1G Fiches technique(PDF) 9 Page - Leshan Radio Company

No de pièce LDTA114EET1G
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA114EET1G Fiches technique(HTML) 9 Page - Leshan Radio Company

Back Button LDTA114EET1G_15 Datasheet HTML 4Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 5Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 6Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 7Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 8Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 9Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 10Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 11Page - Leshan Radio Company LDTA114EET1G_15 Datasheet HTML 12Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS − LDTA114YET1G
10
1
0.1
010
20
30
40
50
100
10
1
0
246
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 1015 2025 3035 4045 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 23. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
204060
80
Figure 24. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 25. Output Capacitance
Figure 26. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 27. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25°C
25°C
TA =75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4 6
8
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA = 25°C
LOAD
+12 V
Figure 28. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs
25°C
IC/IB = 10
TA =−25°C
TA =75°C
25°C
−25°C
VO = 5 V
VO = 0.2 V
25°C
TA =−25°C
75°C
75°C
LESHAN RADIO COMPANY, LTD.
LDTA114EET1G Series
Rev.O 9/12


Numéro de pièce similaire - LDTA114EET1G_15

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LDTA114EET1G LRC-LDTA114EET1G Datasheet
774Kb / 12P
   Bias Resistor Transistors
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Description similaire - LDTA114EET1G_15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com