Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KN4400 Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KN4400
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN4400 Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KN4400 Datasheet HTML 1Page - KEC(Korea Electronics) KN4400 Datasheet HTML 2Page - KEC(Korea Electronics) KN4400 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1996. 1. 28
2/3
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25 )
KN4400/4401
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=35V, VEB(OFF)=0.4V
-
-
100
nA
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=6V, IC=0
-
-
100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100 A, IE=0
60
-
-
V
Collector-Emitter Breakdown Voltage *
V(BR)CEO
IE=1mA, IB=0
40
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100 A, IC=0
6
-
-
V
DC Current Gain
*
KN4401
hFE(1)
VCE=1V, IC=0.1mA
20
-
-
KN4400
hFE(1)
VCE=1V, IC=1mA
20
-
-
KN4401
hFE(2)
40
-
-
KN4400
hFE(2)
VCE=1V, IC=10mA
40
-
-
KN4401
hFE(3)
80
-
-
KN4400
hFE(3)
VCE=1V, IC=150mA
50
-
150
KN4401
hFE(4)
100
-
300
KN4400
hFE(4)
VCE=2V, IC=500mA
20
-
-
KN4401
hFE(5)
40
-
-
Collector-Emitter Saturation Voltage *
VCE(sat)1
IC=150mA, VCE=15mA
-
-
0.4
V
VCE(sat)2
IC=500mA, IB=50mA
-
-
0.75
Base-Emitter Saturation Voltage
*
VBE(sat)1
IC=150mA, IB=15mA
0.75
-
0.95
V
VBE(sat)2
IC=500mA, IB=50mA
-
-
1.2
Transition
Frequency
KN4400
fT
IC=20mA, VCE=10V, f=100MHz
200
-
-
MHz
KN4401
250
-
-
Collector Output Capacitance
Cob
VCB=5V, IE=0, f=1.0MHz
-
-
6.5
pF


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn