Moteur de recherche de fiches techniques de composants électroniques |
|
UF1502 Fiches technique(PDF) 2 Page - Compact Technology Corp. |
|
UF1502 Fiches technique(HTML) 2 Page - Compact Technology Corp. |
2 / 2 page RATING AND CHARACTERISTIC CURVES FIG.1 - FORWARD CURRENT DERATING CURVE 25 75 100 125 150 1.5 0 50 0.5 2.5 175 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD AMBIENT TEMPERATURE , 2.0 1.0 FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT NUMBER OF CYCLES AT 60Hz 1 5 10 50 100 2 20 0 10 20 30 40 Pulse width 8.3ms Single Half-Sine-Wave (JEDEC METHOD) 50 INSTANTANEOUS FORWARD VOLTAGE , VOLTS FIG.4 - TYPICAL FORWARD CHARACTERISTICS 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 0.01 1.8 1.6 TJ = 25 PULSE WIDTH 300us UF1501 - UF1503 UF1505 -UF1507 UF1504 FIG.3 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE , VOLTS 10 1 100 100 10 1.0 4 UF1505 to UF1507 UF1501 to UF1504 TJ = 25 C, f= 1MHz UF1501 thru UF1507 CTC0105 Ver. 2.0 2 of 2 UF1501 thru UF1507 |
Numéro de pièce similaire - UF1502 |
|
Description similaire - UF1502 |