Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KN3904 Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KN3904
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN3904 Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KN3904 Datasheet HTML 1Page - KEC(Korea Electronics) KN3904 Datasheet HTML 2Page - KEC(Korea Electronics) KN3904 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1996. 1. 28
3/3
KN3904
Revision No : 0
0
30
10
3
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
h
- I
C
COLLECTOR CURRENT I
(mA)
0.1
0.3
1
3
0
COLLECTOR CURRENT I
(mA)
0.3
0.1
3
1
C
V
,V
- I
FE
C
30
100
10
CE
V
=1V
BE(sat)
CE(sat)
C
10
30
100
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
VBE(sat)
CE(sat)
V
ob
CB
100
200
I /I =10
C B
1
2
3
4
5
I =0
f=1MHz
E
40
80
120
160
200
240
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
150
175
100
200
300
400
500
600
700


Numéro de pièce similaire - KN3904

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KN3904 KEC-KN3904 Datasheet
28Kb / 1P
   TO-92 PACKAGE
KN3904 KEC-KN3904 Datasheet
76Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
KN3904S KEC-KN3904S Datasheet
195Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN3904S KEC-KN3904S Datasheet
450Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
KN3904 KEC-KN3904_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
More results

Description similaire - KN3904

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTN2222 KEC-KTN2222 Datasheet
471Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC812E KEC-KTC812E Datasheet
78Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2222S KEC-KN2222S Datasheet
268Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N2904E KEC-2N2904E Datasheet
51Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3904C KEC-2N3904C Datasheet
205Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC338 KEC-BC338 Datasheet
275Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC849 KEC-BC849 Datasheet
146Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BSS64 KEC-BSS64 Datasheet
60Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC3114 KEC-KTC3114 Datasheet
395Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN4400S KEC-KN4400S Datasheet
195Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC945B KEC-KTC945B Datasheet
76Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com