Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM329 Fiches technique(PDF) 6 Page - Linear Technology

No de pièce LM329
Description  6.9V Precision Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM329 Fiches technique(HTML) 6 Page - Linear Technology

  LM329 Datasheet HTML 1Page - Linear Technology LM329 Datasheet HTML 2Page - Linear Technology LM329 Datasheet HTML 3Page - Linear Technology LM329 Datasheet HTML 4Page - Linear Technology LM329 Datasheet HTML 5Page - Linear Technology LM329 Datasheet HTML 6Page - Linear Technology LM329 Datasheet HTML 7Page - Linear Technology LM329 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LM129/LM329
6
129329fd
For more information www.linear.com/LM329
package DescripTion
0.050
(1.27)
BSC
0.060
± 0.005
(1.524
± 0.127)
DIA
0.90
(2.286)
NOM
0.180
± 0.005
(4.572
± 0.127)
0.180
± 0.005
(4.572
± 0.127)
0.500
(12.70)
MIN
0.050
(1.270)
MAX
UNCONTROLLED
LEAD DIMENSION
0.016
± 0.003
(0.406
± 0.076)
5
°
NOM
0.015
± 0.002
(0.381
± 0.051)
0.060
± 0.010
(1.524
± 0.254)
10
° NOM
0.140
± 0.010
(3.556
± 0.127)
Z3 (TO-92) 0401
0.098 +016/–0.04
(2.5 +0.4/–0.1)
2 PLCS
TO-92 TAPE AND REEL
REFER TO TAPE AND REEL SECTION OF
LTC DATA BOOK FOR ADDITIONAL INFORMATION
H Package
2-Lead and 3-Lead TO-46 Metal Can
(Reference LTC DWG # 05-08-1340)
0.016 – 0.021**
(0.406 – 0.533)
DIA
0.025
(0.635)
MAX
0.085 – 0.105
(2.159 – 2.667)
0.500
(12.700)
MIN
0.178 – 0.195
(4.521 – 4.953)
0.209 – 0.219
(5.309 – 5.537)
0.100
(2.540)
TYP
45°
H02/03(TO-46) 1098
0.050
(1.270)
TYP
0.050
(1.270)
TYP
0.028 – 0.048
(0.711 – 1.219)
0.036 – 0.046
(0.914 – 1.168)
FOR 3-LEAD PACKAGE ONLY
REFERENCE
PLANE
*
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1
OBSOLETE PACKAGE
Z Package
3-Lead TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1410)


Numéro de pièce similaire - LM329

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM329 LINER-LM329 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM329 LINER-LM329 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
logo
Texas Instruments
LM329 TI-LM329 Datasheet
359Kb / 12P
[Old version datasheet]   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329 Datasheet
197Kb / 8P
   Precision Reference
logo
Texas Instruments
LM3290 TI1-LM3290 Datasheet
58Kb / 3P
[Old version datasheet]   LM3290 Product Brief
More results

Description similaire - LM329

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM129 LINER-LM129_15 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
LM129 LINER-LM129_1 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
RH129 LINER-RH129_15 Datasheet
135Kb / 2P
   6.9V Precision Reference
RH129 LINER-RH129 Datasheet
127Kb / 2P
   6.9V Precision Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com