Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KIA78S20P Datasheet(Fiches technique) 10 Page - KEC(Korea Electronics)

Numéro de pièce KIA78S20P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78S20P Datasheet(HTML) 10 Page - KEC(Korea Electronics)

Back Button KIA78S20P Datenblatt HTML 6Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 7Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 8Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 9Page - KEC(Korea Electronics) KIA78S20P Datasheet HTML 10Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 11Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 12Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 13Page - KEC(Korea Electronics) KIA78S20P Datenblatt HTML 14Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2011. 4. 5
10/15
KIA78S05P~KIA78S24P
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78S20P
(Unless otherwise specified, VIN=29V, IOUT=40mA, CIN=0.33?F, COUT=0.1?F, 0??Tj?125?)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25?
19.2
20
20.8
V
Input Regulation
Reg line
1
Tj=25?
23.5V
?VIN?35V
-
33
330
mV
24V
?VIN?35V
-
28
285
Load Regulation
Reg load
1
Tj=25?
1.0mA
?IOUT?100mA
-
33
180
mV
1.0mA
?IOUT?40mA
-
17
90
Output Voltage
VOUT
1
23.5V
?VIN?35V
1.0mA
?IOUT?40mA
19.0
-
21.0
V
VIN=29V, 1.0mA?IOUT?70mA
19.0
-
21.0
Quiescent Current
IB
1
Tj=25?
-
3.3
6.5
mA
Tj=125?
-
-
6.0
Quiescent Current Change
?IB
1
24V
?VIN?35V
-
-
1.5
mA
1.0mA
?IOUT?40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25
?, 10Hz?f?100kHz
-
170
-
?Vrms
Long Term Stability
?VOUT/?t
1
-
49
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz, 25V
?VIN?35V,
Tj=25?
31
37
-
dB
Dropout Voltage
?VIN-VOUT?
1
Tj=25?
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-1.7
-
mV/
?


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn