Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4314 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 5Page - STMicroelectronics AN4314 Datasheet HTML 6Page - STMicroelectronics AN4314 Datasheet HTML 7Page - STMicroelectronics AN4314 Datasheet HTML 8Page - STMicroelectronics AN4314 Datasheet HTML 9Page - STMicroelectronics AN4314 Datasheet HTML 10Page - STMicroelectronics AN4314 Datasheet HTML 11Page - STMicroelectronics AN4314 Datasheet HTML 12Page - STMicroelectronics AN4314 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID024821 Rev 2
9/31
AN4314
Electrical diagram and bill of material
31
Table 2. Bill of material
Ref.
Part N.
Type
Supplier
BR1
2KBP08M
Bridge rect. 2 A 800 V
Vishay
Conn.1
Line-input
Connector MKDS 1.5/3-5.08-PS.5.08
Phoenix contact
Conn.2
DC-OUT
Connector MKDS 1.5/2-5.08-PS.5.08
Phoenix contact
C1
2.2 nF
Ceramic capacitor X1/Y2+-20%-P.7,5 mm
Murata
C2
150 nF
Capacitor MKP+-20%-PS15-X2
Epcos
C6
150 nF
Capacitor MKP+-20%-PS15-X2
Epcos
C3
680 uF
Electrolytic capacitor V.105 °C-PW-8000h
Nichicon
C4
220 nF
Capacitor MKP+-5%-200 V
ac
-PS15
Epcos
C5
3.3 uF
Ceramic capacitor X7S 10% EIA1210-SMD
Kemet
C7
22 uF
Electrolytic capacitor V.105 °C-2000h-PW
Nichicon
C8
33 uF
Electrolytic capacitor V.105 °C-10000h-YXM
Rubycon
C9
10 nF N.M.
Capacitor X7R 10% EIA0805-SMD
Murata
C10
100 nF
Ceramic capacitor X7R 10% EIA1206-SMD
Yageo
C11
100 nF
Ceramic capacitor X7R 10% EIA0805-SMD
Kemet
C23
100 nF
Ceramic capacitor X7R 10% EIA0805-SMD
Kemet
C12
2.2 nF
Capacitor X7R 10% EIA0805-SMD
Kemet
C17
2.2 nF
Capacitor X7R 10% EIA0805-SMD
Kemet
C18
2.2 nF
Capacitor X7R 10% EIA0805-SMD
Kemet
C21
2.2 nF
Capacitor X7R 10% EIA0805-SMD
Kemet
C13
220 nF
Ceramic capacitor Y5V -20+80% EIA0805-SMD
AVX
C14
22 nF
Ceramic capacitor X7R 5% EIA1206-SMD
Kemet
C15
1 μF
Ceramic capacitor X7R 10%-EIA0805-SMD
Murata
C16
1 μF
Ceramic capacitor X7R 10%-EIA0805-SMD
Murata
C19
1 μF
Ceramic capacitor X7R 5%-EIA0805-SMD
Kemet
C20
220 pF N.M.
Capacitor HV-U2J-5% EIA1206-SMD
Murata
C22
220 pF
Ceramic capacitor C0G 5% EIA0805-SMD
Kemet
DZ1
BZV55-C24
Zener-diode 5%-Sz 19.6 mV/K-SMD
NXP
DZ2
BZV55-C15
Zener-diode 5%-Sz 11.4 mV/K-SMD
NXP
D1
STTH2L06
Ultrafast-diode 85 ns
STMicroelectronics
D2
LL4148
Fast-diode 4 ns-SMD
Vishay
D3
LL4148
Fast-diode 4 ns-SMD
Vishay
D4
LL4148
Fast-diode 4 ns-SMD
Vishay
D5
LL4148
Fast-diode 4 ns-SMD
Vishay
D6
LL4148
Fast-diode 4 ns-SMD
Vishay
D7
LL4148
Fast-diode 4 ns-SMD
Vishay


Numéro de pièce similaire - AN4314

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN431 STMICROELECTRONICS-AN431 Datasheet
495Kb / 15P
   Using ST6 analog inputs for multiple key decoding
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
AN4310 STMICROELECTRONICS-AN4310 Datasheet
181Kb / 8P
   Sampling capacitor selection guide for MCU based touch sensing applications
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
   Guidelines for designing touch sensing applications with surface sensors
More results

Description similaire - AN4314

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
   50 W wide-range high power factor flyback converter demonstration board based on the L6564
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
   35 W wide-range high power factor flyback converter evaluation
logo
Power Integrations, Inc...
DER-59 POWERINT-DER-59 Datasheet
384Kb / 17P
   4.8 W Buck-Boost Converter Using LNK306P
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
   100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
   demonstration board using the VIPer16LN
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
   10 W wide range non-isolated high power factor LED driver using HVLED815PF
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
   Ultra wide range dual output back converter demonstration board based on the VIPER16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com