Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78L06BP Fiches technique(PDF) 9 Page - KEC(Korea Electronics)

No de pièce KIA78L06BP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L06BP Fiches technique(HTML) 9 Page - KEC(Korea Electronics)

Back Button KIA78L06BP Datasheet HTML 5Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 6Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 9Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 10Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 11Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 12Page - KEC(Korea Electronics) KIA78L06BP Datasheet HTML 13Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000. 9. 20
9/16
KIA78L05BP/BPV~KIA78L24BP/BPV
Revision No : 4
ELECTRICAL CHARACTERISTICS
KIA78L18BP/BPV
(Unless otherwise specified, VIN=27V, IOUT=40mA, CIN=0.33 F, COUT=0.1 F, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
17.3
18
18.7
V
Input Regulation
Reg line
1
Tj=25
21.4V VIN 33V
-
32
325
mV
22V VIN 33V
-
27
275
Load Regulation
Reg load
1
Tj=25
1.0mA IOUT 100mA
-
30
170
mV
1.0mA IOUT 40mA
-
15
75
Output Voltage
VOUT
1
21.4V VIN 33V
1.0mA IOUT 40mA
17.1
-
18.9
V
VIN=27V, 1.0mA IOUT 70mA
17.1
-
18.9
Quiescent Current
IB
1
Tj=25
-
3.3
6.5
mA
Tj=125
-
-
6.0
Quiescent Current Change
IB
1
22V VIN 33V
-
-
1.5
mA
1.0mA IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25 , 10Hz f 100kHz
-
150
-
Vrms
Long Term Stability
VOUT/ t
1
-
45
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz,
23V VIN 33V, Tj=25
32
38
-
dB
Dropout Voltage
| VIN-VOUT |
1
Tj=25
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-1.5
-
mV/


Numéro de pièce similaire - KIA78L06BP

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78L06F KEC-KIA78L06F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L06F KEC-KIA78L06F Datasheet
450Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA78L06BP

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
logo
AiT Semiconductor Inc.
A78MXX AITSEMI-A78MXX Datasheet
522Kb / 10P
   BIPOLAR LINEAR REGULATOR THREE TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com