Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX25R4035F Fiches technique(PDF) 67 Page - Macronix International

No de pièce MX25R4035F
Description  Wide Vcc Range, 4M-BIT
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCNIX [Macronix International]
Site Internet  http://www.macronix.com
Logo MCNIX - Macronix International

MX25R4035F Fiches technique(HTML) 67 Page - Macronix International

Back Button MX25R4035F Datasheet HTML 63Page - Macronix International MX25R4035F Datasheet HTML 64Page - Macronix International MX25R4035F Datasheet HTML 65Page - Macronix International MX25R4035F Datasheet HTML 66Page - Macronix International MX25R4035F Datasheet HTML 67Page - Macronix International MX25R4035F Datasheet HTML 68Page - Macronix International MX25R4035F Datasheet HTML 69Page - Macronix International MX25R4035F Datasheet HTML 70Page - Macronix International MX25R4035F Datasheet HTML 71Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
67
ADVANCED INFORMATION
REV. 0.01, MAR. 06, 2015
MX25R4035F
P/N: PM2222
11. POWER-ON STATE
The device is at the following states when power-up:
- Standby mode (please note it is not deep power-down mode)
- Write Enable Latch (WEL) bit is reset
The device must not be selected during power-up and power-down stage until the VCC reaches the following levels:
- VCC minimum at power-up stage and then after a delay of tVSL
- GND at power-down
Please note that a pull-up resistor on CS# may ensure a safe and proper power-up/down level.
An internal power-on reset (POR) circuit may protect the device from data corruption and inadvertent data change
during power up state. When VCC is lower than VWI (POR threshold voltage value), the internal logic is reset and
the flash device has no response to any command.
For further protection on the device, if the VCC does not reach the VCC minimum level, the correct operation is not
guaranteed. The write, erase, and program command should be sent after the below time delay:
- tVSL after VCC reached VCC minimum level
The device can accept read command after VCC reached VCC minimum and a time delay of tVSL.
Please refer to the "Figure 46. Power-up Timing".
Note:
- To stabilize the VCC level, the VCC rail decoupled by a suitable capacitor close to package pins is
recommended. (generally around 0.1uF)
- At power-down stage, the VCC drops below VWI level, all operations are disable and device has no response to
any command. The data corruption might occur during this stage if a write, program, erase cycle is in progress.


Numéro de pièce similaire - MX25R4035F

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R1035FZUIL0 MCNIX-MX25R1035FZUIL0 Datasheet
1Mb / 73P
   ULTRA LOW POWER, 1M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
   Wide Vcc Range, 32M-BIT
More results

Description similaire - MX25R4035F

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX25R1635F MCNIX-MX25R1635F Datasheet
1Mb / 88P
   Wide Vcc Range, 16M-BIT
MX25R1035F MCNIX-MX25R1035F Datasheet
1Mb / 87P
   Wide Vcc Range, 1M-BIT
MX25R3235F MCNIX-MX25R3235F Datasheet
1Mb / 89P
   Wide Vcc Range, 32M-BIT
MX25R512F MCNIX-MX25R512F Datasheet
1Mb / 85P
   Wide Vcc Range, 512K-BIT
MX25R2035F MCNIX-MX25R2035F Datasheet
1Mb / 88P
   Wide Vcc Range, 2M-BIT
logo
Renesas Technology Corp
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
logo
Hitachi Semiconductor
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com