Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ625 Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce 2SJ625
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ625 Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button 2SJ625_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D15961EJ1V0DS
5
2SJ625
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
50
100
150
200
250
300
-0.01
-0.1
-1
-10
-100
VGS =
−4.5 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
50
100
150
200
250
300
-0.01
-0.1
-1
-10
VGS =
−2.5 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
SWITCHING CHARACTERISTICS
50
100
150
200
250
300
-0.01
-0.1
-1
-10
VGS =
−1.8 V
Pulsed
−25°C
25°C
75°C
TA = 125°C
ID - Drain Current - A
10
100
1000
-0.1
-1
-10
VDD =
−10 V
VGS =
−4.0 V
RG = 10
td(off)
td(on)
tf
tr
ID - Drain Current - A
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
Pulsed
VGS = 0 V
VF(S-D) - Source to Drain Voltage - V


Numéro de pièce similaire - 2SJ625_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ625 NEC-2SJ625 Datasheet
66Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ625 RENESAS-2SJ625 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

Description similaire - 2SJ625_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com