Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC945LT1 Fiches technique(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No de pièce 2SC945LT1
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Site Internet  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC945LT1 Fiches technique(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC945LT1_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SC945LT1
NPN EPITAXIAL SILICON TRANSISTOR
*
Collector Current: Ic= 150mA
*
Collector-Emitter Voltage:Vce= 50V
*
High Total Power Dissipation:Pc=225mW
*
High Hfe And Good Linearity
ABSOLUTE MAXIMUM RATINGS at Ta=25
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Vcbo
60
V
Collector-Emitter Voltage
Vceo
50
V
Collector Current
Ic
150
mA
Collector Dissipation Ta=25
*
PD
225
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55-150
1.BASE
2.EMITTER
3.COLLECTOR
1.
1.3
2.4
Unit:mm
ELECTRICAL CHARACTERISTICS at Ta=25
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVcbo
60
V
Ic=100uA
Ie=0
Collector-Emitter
Breakdown
Voltage#
BVceo
50
V
Ic= 1mA
Ib=0
Collector-Base Cutoff Current
Icbo
100
nA
Vcb= 60V
Ie=0
DC Current Gain
Hfe
70
700
Vce= 6V Ic= 1mA
Collector-Emitter Saturation Voltage
Vce(sat)
0.3
V
Ic= 100mA Ib= 10mA
Output Capacitance
Cob
2.2
3.5
PF
Vcb= 10V Ie=0 f=1MHz
Current Gain-Bandwidth Product
fT
150
MHz
Vce= 5V Ic= 10mA
*
Total Device Dissipation : FR=1X0.75X0.062in Board,Derate 25
.
#
Pulse Test : Pulse Width
300uS,Duty cycle
2%
DEVICE MARKING:
2SC945LT1=HF
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Numéro de pièce similaire - 2SC945LT1_15

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN YONGERJIA INDU...
2SC945LT1 WINNERJOIN-2SC945LT1 Datasheet
68Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Description similaire - 2SC945LT1_15

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com